전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST1S40IPUR 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 ST1S40IPUR
상세설명  3 A DC step-down switching regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S40IPUR 데이터시트(HTML) 5 Page - STMicroelectronics

  ST1S40IPUR Datasheet HTML 1Page - STMicroelectronics ST1S40IPUR Datasheet HTML 2Page - STMicroelectronics ST1S40IPUR Datasheet HTML 3Page - STMicroelectronics ST1S40IPUR Datasheet HTML 4Page - STMicroelectronics ST1S40IPUR Datasheet HTML 5Page - STMicroelectronics ST1S40IPUR Datasheet HTML 6Page - STMicroelectronics ST1S40IPUR Datasheet HTML 7Page - STMicroelectronics ST1S40IPUR Datasheet HTML 8Page - STMicroelectronics ST1S40IPUR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
ST1S40
Electrical characteristics
Doc ID 17928 Rev 4
5/30
4
Electrical characteristics
TJ=25 °C, VCC=12 V, unless otherwise specified.
Table 4.
Electrical characteristics
Symbol
Parameter
Test condition
Values
Unit
Min.
Typ.
Max.
VIN
Operating input voltage
range
(1)
418
V
VINON
Turn-on VCC threshold
(1)
2.9
VINHYS
Threshold hysteresis
(1)
0.250
RDSON-P
High side switch ON
resistance
ISW=750 mA
95
m
Ω
RDSON-N
Low side switch ON
resistance
ISW=750 mA
69
m
Ω
ILIM
Maximum limiting current
(2)
4.0
6.0
A
Oscillator
FSW
Switching frequency
0.7
0.85
1
MHz
DMAX
Maximum duty cycle
(2)
100
%
Dynamic characteristics
VFB
Feedback voltage
0.784
0.8
0.816
V
(1)
0.776
0.8
0.824
%VOUT/
ΔIOUT
Reference load regulation Isw=10 mA to ILIM
(2)
0.5
%
%VOUT/
ΔVIN
Reference line regulation
VIN= 4.0 V to 18 V
(2)
0.4
%
DC characteristics
IQ
Quiescent current
Duty cycle=0, no load
VFB=1.2 V
1.5
2.5
mA
IQST-BY
Total standby quiescent
current
OFF
2
15
μA
IFB
FB bias current
50
Enable
VEN
EN threshold voltage
Device ON level
1.2
V
Device OFF level
0.4
IEN
EN current
2
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com