| 전자부품 데이터시트 검색엔진 |
|
HT45F4M 데이터시트(PDF) 8 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT45F4M 데이터시트(HTML) 8 Page - Holtek Semiconductor Inc |
|
8 / 138 page ![]() Rev. 1.10 8 �an�a�� 1�� �01� Rev. 1.10 9 �an�a�� 1�� �01� HT45F4M Lithium Battery Backup Power ASSP MCU HT45F4M Lithium Battery Backup Power ASSP MCU Pin Assignment 16 15 14 13 12 11 10 9 1 2 3 4 5 6 7 8 PB 3/ TP 1_0 PB2 PB 1/ TP 1_1 PB 0/ TP 0_1 PB6 PA7 /T P 0_0 /A N7 /I CP CK /O CDS CK PA6 /I NT 1/ TC K1 /A N6 /I CP DA /O CDS DA PA5 /I NT 0/ TC K0 /A N5 PA 4/ AN 4 PA 3/ OC P/ AN 3 PA 1/ D APW R/ AN 1/ VR EF PA 0/ OV P/ AN 0 VS S VD D PB 4/ OU TH PB 5/ OU TL HT45F4M 16 NSOP- A PB2 PB1 /T P 1_1 PB0 /T P 0_1 PB6 PA7 /T P 0_0 /A N7 /I CP CK /O CD SC K PA6 /IN T1 /T CK 1/ AN 6/ IC PD A/ OC DS DA PA 5/ IN T0 /T CK 0/ AN 5 PA 4/ AN 4 PA 3/ OC P/ AN 3 PA 1/ DA PW R/ AN 1/ VR EF PA 0/ OV P/ AN 0 VS S VD D PB3 /T P 1_0 PB 5/ OU TL 20 19 18 17 16 15 14 13 12 11 1 2 3 4 5 6 7 8 9 10 PB7 PA 2/ AN 2 PB 4/ OU TH NC NC HT45F4M 20 SSOP- A Note:1.Ifthepin-sharedpinfunctionshavemultipleoutputssimultaneously,itspinnamesatthe rightsideofthe“/”signcanbeusedforhigherpriority. 2.BothrealICandOCDSEVICsharethesamepackage.TheOCDSEVICisHT45V4M. TheOCDSCKandOCDSDApinsareonlyfortheOCDSEVIC. |