전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7849BN 데이터시트(PDF) 10 Page - Analog Devices

부품명 AD7849BN
상세설명  Serial Input, 14-Bit/16-Bit DAC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7849BN 데이터시트(HTML) 10 Page - Analog Devices

Back Button AD7849BN Datasheet HTML 6Page - Analog Devices AD7849BN Datasheet HTML 7Page - Analog Devices AD7849BN Datasheet HTML 8Page - Analog Devices AD7849BN Datasheet HTML 9Page - Analog Devices AD7849BN Datasheet HTML 10Page - Analog Devices AD7849BN Datasheet HTML 11Page - Analog Devices AD7849BN Datasheet HTML 12Page - Analog Devices AD7849BN Datasheet HTML 13Page - Analog Devices AD7849BN Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
REV. B
–10–
AD7849
t2
t4
t5
t1
t3
DB0 (N)
DB15
(N+1)
t5
t4
DB0
(N+1)
DB0 (N)
DB15 (N)
DB0 (N)
DB13 (N)
DB13
(N+1)
DB0
(N+1)
DB0 (N)
DB13 (N)
t6
SCLK
SYNC
BIN/COMP
SDIN
(AD7849B/C/T)
SDOUT
(AD7849B/C/T)
SDIN
(AD7849A)
SDOUT
(AD7849A)
LDAC, CLR
DCEN IS TIED PERMANENTLY HIGH
t7
DB15 (N)
t6
Figure 14. Timing Diagram (Daisy-Chain Mode)
Serial Data Loading Format (Daisy Chain Mode)
By connecting DCEN high, the daisy-chain mode is enabled.
This mode of operation is designed for multi-DAC systems
where several AD7849s may be connected in cascade. In this
mode, the internal gating circuitry on SCLK is disabled and a
serial data output facility is enabled. The internal gating signal
is permanently active (low) so that the SCLK signal is continu-
ously applied to the input shift register when
SYNC is low. The
data is clocked into the register on each falling SCLK edge after
SYNC going low. If more than 16 clock pulses are applied, the
data ripples out of the shift register and appears on the
SDOUT line. By connecting this line to the SDIN input on the
next AD7849 in the chain, a multi-DAC interface may be con-
structed. Sixteen SCLK pulses are required for each DAC in the
system. Therefore the total number of clock cycles must equal
16
× N where N is the total number of devices in the chain.
When the serial transfer to all devices is complete,
SYNC is
taken high. This prevents any further data being clocked into
the input register.
A continuous SCLK source may be used if it can be arranged
that
SYNC is held low for the correct number of clock cycles.
Alternatively, a burst clock containing the exact number of clock
cycles may be used and
SYNC taken high some time later.
When the transfer to all input registers is complete, a common
LDAC signal updates all DAC latches with the data in each in-
put register. All analog outputs are therefore updated simulta-
neously, 5
µs after the falling edge of LDAC.
Clear Function (
CLR)
The clear function bypasses the input shift register and loads the
DAC Latch with all 0s. It is activated by taking
CLR low. In all
ranges except the Offset Binary bipolar range (–5 V to +5 V) the
output voltage is reset to 0 V. In the offset binary bipolar range
the output is set to VREF–. This clear function is distinct and
separate from the automatic power-on reset feature of the device.
APPLYING THE AD7849
Power Supply Sequencing and Decoupling
In the AD7849, VCC should not exceed VDD by more than
0.4 V. If this does happen then an internal diode can be turned
on and produce latch-up in the device. Care should be taken to
employ the following power supply sequence: VDD; VSS; VCC.
In systems where it is possible to have an incorrect power
sequence (for example, if VCC is greater than 0.4 V while VDD is
still 0 V), the circuit of Figure 15 may be used to ensure that
the Absolute Maximum Ratings are not exceeded.
SD103C
1N5711
1N5712
1N4148
VDD
VCC
VDD
VCC
AD7849
Figure 15. Power Supply Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com