전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCM1716E/2K 데이터시트(PDF) 5 Page - Texas Instruments

부품명 PCM1716E/2K
상세설명  24-Bit, 96kHz Sampling CMOS Delta-Sigma Stereo Audio DIGITAL-TO-ANALOG CONVERTER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

PCM1716E/2K 데이터시트(HTML) 5 Page - Texas Instruments

  PCM1716E/2K Datasheet HTML 1Page - Texas Instruments PCM1716E/2K Datasheet HTML 2Page - Texas Instruments PCM1716E/2K Datasheet HTML 3Page - Texas Instruments PCM1716E/2K Datasheet HTML 4Page - Texas Instruments PCM1716E/2K Datasheet HTML 5Page - Texas Instruments PCM1716E/2K Datasheet HTML 6Page - Texas Instruments PCM1716E/2K Datasheet HTML 7Page - Texas Instruments PCM1716E/2K Datasheet HTML 8Page - Texas Instruments PCM1716E/2K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
®
5
PCM1716
0
0.5
1.5
1
2.5
2
3.5
34
0
–20
–40
–60
–80
–100
–120
–140
OVERALL FREQUENCY CHARACTERISTIC
(Slow Roll-Off)
Frequency (x f
S)
0
0.5
1
1.5
2
2.5
3
3.5
4
0
–20
–40
–60
–80
–100
–120
–140
–160
OVERALL FREQUENCY CHARACTERISTIC
(Sharp Roll-Off)
Frequency (x f
S)
TYPICAL PERFORMANCE CURVES (CONT)
0
0.1
0.2
0.3
0.4
0.5
0.6
0
–2
–4
–6
–8
–10
–12
–14
–16
–18
–20
FREQUENCY CHARACTERISTIC
(Slow Roll-Off)
Frequency (x f
S)
0
0.1
0.2
0.3
0.4
0.5
0.003
0.002
0.001
0
–0.001
–0.002
–0.003
PASSBAND RIPPLE CHARACTERISTIC
(Sharp Roll-Off)
Frequency (x f
S)
DE-EMPHASIS FREQUENCY RESPONSE (f
S = 32kHz)
02468
10
12
14
Frequency (kHz)
0
–2
–4
–6
–8
–10
DE-EMPHASIS FREQUENCY RESPONSE (f
S = 48kHz)
02468
10
12
14
16
18
20
22
Frequency (kHz)
0
–2
–4
–6
–8
–10
DE-EMPHASIS FREQUENCY RESPONSE (f
S = 44.1kHz)
02468
10
12
14
16
18
20
Frequency (kHz)
0
–2
–4
–6
–8
–10
DE-EMPHASIS ERROR (f
S = 32kHz)
02468
10
12
14
Frequency (kHz)
0.5
0.3
0.1
–0.1
–0.3
–0.5
0.5
0.3
0.1
–0.1
–0.3
–0.5
0.5
0.3
0.1
–0.1
–0.3
–0.5
DE-EMPHASIS ERR0R (f
S = 48kHz)
02468
10
12
14
16
18
20
22
Frequency (kHz)
DE-EMPHASIS ERROR (f
S = 44.1kHz)
02468
10
12
14
16
18
20
Frequency (kHz)
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com