전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCM1716E/2K 데이터시트(PDF) 14 Page - Texas Instruments

부품명 PCM1716E/2K
상세설명  24-Bit, 96kHz Sampling CMOS Delta-Sigma Stereo Audio DIGITAL-TO-ANALOG CONVERTER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

PCM1716E/2K 데이터시트(HTML) 14 Page - Texas Instruments

Back Button PCM1716E/2K Datasheet HTML 10Page - Texas Instruments PCM1716E/2K Datasheet HTML 11Page - Texas Instruments PCM1716E/2K Datasheet HTML 12Page - Texas Instruments PCM1716E/2K Datasheet HTML 13Page - Texas Instruments PCM1716E/2K Datasheet HTML 14Page - Texas Instruments PCM1716E/2K Datasheet HTML 15Page - Texas Instruments PCM1716E/2K Datasheet HTML 16Page - Texas Instruments PCM1716E/2K Datasheet HTML 17Page - Texas Instruments PCM1716E/2K Datasheet HTML 18Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
®
14
PCM1716
1
2
3
4
5
6
7
8
9
10
11
12
13
14
LRCIN
DIN
BCKIN
CLKO
XTI
XTO
DGND
V
DD
V
CC2R
AGND2R
EXTR
NC
V
OUTR
AGND1
28
27
26
25
24
23
22
21
20
19
18
17
16
15
ML/IIS
MC/DM1
MD/DM0
MUTE
MODE
CS/IWO
RST
ZERO
V
CC2L
AGND2L
EXTL
NC
V
OUTL
V
CC1
C
2
Post
Low-Pass
Filter
Analog
Mute
Rch Audio Out
Mode
Control
PCM1716E
External Reset
PCM
Audio Data
Input
XTI Buffer Out
or
1/2 Divided Out
SYSTEM CLOCK
(256/384/512/768f
S)
to DGND of D. Source
Post
Low-Pass
Filter
Analog
Mute
External
Mute Control
Lch Audio Out
C
4
C
6
10µF
C
1, C2 : 10µF + 0.1µF Ceramic
C
3, C4 : 1µF ~ 10µF
C
3
C
5
10µF
+
+
C
1
+5V V
CC
10k
Ω
FIGURE 15. Typical Circuit Connection Diagram.
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com