전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCM1716E/2K 데이터시트(PDF) 8 Page - Texas Instruments

부품명 PCM1716E/2K
상세설명  24-Bit, 96kHz Sampling CMOS Delta-Sigma Stereo Audio DIGITAL-TO-ANALOG CONVERTER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

PCM1716E/2K 데이터시트(HTML) 8 Page - Texas Instruments

Back Button PCM1716E/2K Datasheet HTML 4Page - Texas Instruments PCM1716E/2K Datasheet HTML 5Page - Texas Instruments PCM1716E/2K Datasheet HTML 6Page - Texas Instruments PCM1716E/2K Datasheet HTML 7Page - Texas Instruments PCM1716E/2K Datasheet HTML 8Page - Texas Instruments PCM1716E/2K Datasheet HTML 9Page - Texas Instruments PCM1716E/2K Datasheet HTML 10Page - Texas Instruments PCM1716E/2K Datasheet HTML 11Page - Texas Instruments PCM1716E/2K Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
®
8
PCM1716
1024 system (XTI) clocks
Reset
Reset Removal
XTI Clock
Internal Reset
RST
t
RST
(1)
NOTE: (1) t
RST = 20ns min.
1024 system (= XTI) clocks
Reset
Reset Removal
V
CC = VDD
Internal Reset
XTI Clock
FIGURE 5. Internal Power-On Reset Timing.
FUNCTIONAL DESCRIPTION
PCM1716 has several built-in functions including digital
attenuation, digital de-emphasis, input data format selection,
and others. These functions are software controlled. PCM1716
can be operated in two different modes, software mode or
hardware mode. Software mode is a three-wire interface
using pin 28 (ML), 27 (MC), and 26 (MD).
PCM1716 can also be operated in hardware mode, where
static control signals are used on pin 28 (115, pin 27 (DM1),
pin 26 (DM0) and pin 23 (IWO).
This basic operation mode as software or hardware can be
selected by pin 24 (MODE) as shown in Table II.
MODE (pin 24) = H
Software Mode
MODE (pin 24) = L
Hardware Mode
TABLE II. Mode Control.
Table III indicates which functions are selectable within the
users chosen mode. All of the functions shown are selectable
within the software mode, but only de-emphasis control, soft
mute and input data format may be selected when using
PCM1716 in the hardware mode.
SOFTWARE
HARDWARE
FUNCTION
(Mode = H)
(Mode = L)
Input Data Format Selection
O
O
Input Data Bit Selection
O
O
Input LRCIN Polarity Selection
O
X
De-emphasis Control
O
O
Mute
O
O
Attenuation
O
X
Infinity Zero Mute Control
O
X
DAC Operation Control
O
X
Slow Roll-Off Selection
O
X
Output Phase Selection
O
X
CLKO Output Selection
O
X
NOTE: O = Selectable, X: Not Selectable.
TABLE III. Mode Control, Selectable Functions.
HARDWARE MODE (MODE = L)
In hardware mode, the following function can be selected.
De-emphasis control
De-emphasis control can be selected by DM1 (pin 27) and
DM0 (pin 26)
FIGURE 6. External Forced Reset Timing.
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com