| 전자부품 데이터시트 검색엔진 |
|
ST7FLITE29F2M6 데이터시트(PDF) 67 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7FLITE29F2M6 데이터시트(HTML) 67 Page - STMicroelectronics |
|
67 / 166 page ![]() ST7LITE20F2 ST7LITE25F2 ST7LITE29F2 I/O ports Doc ID 8349 Rev 5 67/166 Analog alternate function Configure the I/O as floating input to use an ADC input. The analog multiplexer (controlled by the ADC registers) switches the analog voltage present on the selected pin to the common analog rail, connected to the ADC input. Analog recommendations Do not change the voltage level or loading on any I/O while conversion is in progress. Do not have clocking pins located close to a selected analog pin. Warning: The analog input voltage level must be within the limits stated in the absolute maximum ratings. 10.3 I/O port implementation The hardware implementation on each I/O port depends on the settings in the DDR and OR registers and specific I/O port features such as ADC input or open drain. Switching these I/O ports from one state to another should be done in a sequence that prevents unwanted side effects. Recommended safe transitions are illustrated in Figure 32. Other transitions are potentially risky and should be avoided, since they may present unwanted side-effects such as spurious interrupt generation. Open-drain output(2) Push-pull output(3) 1. When the I/O port is in input configuration and the associated alternate function is enabled as an output, reading the DR register will read the alternate function output status. 2. When the I/O port is in output configuration and the associated alternate function is enabled as an input, the alternate function reads the pin status given by the DR register content. 3. For true open drain, these elements are not implemented. Table 23. I/O configurations (continued) I/O port Hardware configuration NOTE 3 PAD RPU Databus DR DR register access R/W VDD register PAD RPU Databus DR DR register access R/W VDD Alternate Alternate Enable output register bit From on-chip periphera l NOTE 3 |