| 전자부품 데이터시트 검색엔진 |
|
ST7FLITE29F2M6 데이터시트(PDF) 44 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7FLITE29F2M6 데이터시트(HTML) 44 Page - STMicroelectronics |
|
44 / 166 page ![]() Supply, reset and clock management ST7LITE20F2 ST7LITE25F2 ST7LITE29F2 44/166 Doc ID 8349 Rev 5 7.6.4 Register description System integrity (SI) control/status register (SICSR) Read/Write Reset Value: 0000 0xx0 (0xh) ● Bit 7:5 = Reserved, must be kept cleared. ● Bit 4 = WDGRF Watchdog reset flag This bit indicates that the last Reset was generated by the Watchdog peripheral. It is set by hardware (watchdog reset) and cleared by software (writing zero) or an LVD Reset (to ensure a stable cleared state of the WDGRF flag when CPU starts). Combined with the LVDRF flag information, the flag description is given by the following table: ● Bit 3 = LOCKED PLL Locked Flag This bit is set and cleared by hardware. It is set automatically when the PLL reaches its operating frequency. 0: PLL not locked 1: PLL locked ● Bit 2 = LVDRF LVD reset flag This bit indicates that the last Reset was generated by the LVD block. It is set by hardware (LVD reset) and cleared by software (by reading). When the LVD is disabled by OPTION BYTE, the LVDRF bit value is undefined. ● Bit 1 = AVDF Voltage Detector flag This read-only bit is set and cleared by hardware. If the AVDIE bit is set, an interrupt request is generated when the AVDF bit is set. 0: VDD over AVD threshold 1: VDD under AVD threshold Note: Refer to Section : Monitoring the VDD main supply and to Figure 19: Using the AVD to monitor VDD for additional details. ● Bit 0 = AVDIE Voltage detector interrupt enable This bit is set and cleared by software. It enables an interrupt to be generated when the AVDF flag is set. The pending interrupt information is automatically cleared when software enters the AVD interrupt routine. 0: AVD interrupt disabled 1: AVD interrupt enabled 7 0 0 0 0 WDGRF LOCKED LVDRF AVDF AVDIE Table 11. Flag description RESET sources LVDRF WDGRF External RESET pin 0 0 Watchdog 0 1 LVD 1 X |