| 전자부품 데이터시트 검색엔진 |
|
ST7FLITE29F2M6 데이터시트(PDF) 38 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7FLITE29F2M6 데이터시트(HTML) 38 Page - STMicroelectronics |
|
38 / 166 page ![]() Supply, reset and clock management ST7LITE20F2 ST7LITE25F2 ST7LITE29F2 38/166 Doc ID 8349 Rev 5 7.5 Reset sequence manager (RSM) 7.5.1 Introduction The reset sequence manager includes three RESET sources as shown in Figure 15: Reset block diagram: ● External RESET source pulse ● Internal LVD RESET (low voltage detection) ● Internal WATCHDOG RESET Note: A reset can also be triggered following the detection of an illegal opcode or prebyte code. Refer to Section 12.2.1: Illegal opcode reset for further details. These sources act on the RESET pin and it is always kept low during the delay phase. The RESET service routine vector is fixed at addresses FFFEh-FFFFh in the ST7 memory map. The basic RESET sequence consists of 3 phases as shown in Figure 14: ● Active Phase depending on the RESET source ● 256 or 4096 CPU clock cycle delay (see table below) ● RESET vector fetch. The 256 or 4096 CPU clock cycle delay allows the oscillator to stabilise and ensures that recovery has taken place from the Reset state. The shorter or longer clock cycle delay is automatically selected depending on the clock source chosen by option byte: The RESET vector fetch phase duration is 2 clock cycles. If the PLL is enabled by option byte, it outputs the clock after an additional delay of tSTARTUP (see Figure 12: PLL output frequency timing diagram). Figure 14. RESET sequence phases Table 8. CPU Clock cycle delay Clock source CPU clock cycle delay Internal RC oscillator 256 External clock (connected to CLKIN pin) 256 External crystal/ceramic oscillator (connected to OSC1/OSC2 pins) 4096 RESET Active phase Internal reset 256 or 4096 clock cycles Fetch vector |