전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM8S003F3P6C 데이터시트(PDF) 52 Page - STMicroelectronics

부품명 STM8S003F3P6C
상세설명  Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S003F3P6C 데이터시트(HTML) 52 Page - STMicroelectronics

Back Button STM8S003F3P6C Datasheet HTML 48Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 49Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 50Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 51Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 52Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 53Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 54Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 55Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 100 page
background image
(1) Data based on characterization results, not tested in production.
(2) Default clock configuration measured with all peripherals off.
Table 21: Total current consumption with code execution in run mode at VDD = 3.3 V
Unit
Max
(1)
Typ
Conditions
Parameter
Symbol
mA
1.8
HSE crystal osc. (16 MHz)
fCPU = fMASTER =
16 MHz
Supply current
in run mode,
code executed
from RAM
IDD(RUN)
2.3
2
HSE user ext. clock (16 MHz)
2
1.5
HSI RC osc. (16 MHz)
0.81
HSE user ext. clock (16 MHz)
fCPU = fMASTER/
128 = 125 kHz
0.87
0.7
HSI RC osc. (16 MHz)
0.58
0.46
HSI RC osc. (16 MHz/8)
fCPU = fMASTER/
128 = 15.625 kHz
0.55
0.41
LSI RC osc. (128 kHz)
fCPU = fMASTER =
128 kHz
4
HSE crystal osc. (16 MHz)
fCPU = fMASTER =
16 MHz
Supply current
in run mode,
code executed
from Flash
4.7
3.9
HSE user ext. clock (16 MHz)
4.5
3.7
HSI RC osc. (16 MHz)
1.05
0.84
HSI RC osc. (16 MHz/8)
(2)
fCPU = fMASTER =
2 MHz
0.9
0.72
HSI RC osc. (16 MHz)
fCPU = fMASTER/
128 = 125 kHz
0.58
0.46
HSI RC osc. (16 MHz/8)
fCPU = fMASTER/
128 = 15.625 kHz
0.57
0.42
LSI RC osc. (128 kHz)
fCPU = fMASTER =
128 kHz
(1) Data based on characterization results, not tested in production.
(2) Default clock configuration measured with all peripherals off.
DocID018576 Rev 3
52/100
STM8S003K3 STM8S003F3
Electrical characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com