전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM8S003F3P6C 데이터시트(PDF) 86 Page - STMicroelectronics

부품명 STM8S003F3P6C
상세설명  Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S003F3P6C 데이터시트(HTML) 86 Page - STMicroelectronics

Back Button STM8S003F3P6C Datasheet HTML 82Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 83Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 84Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 85Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 86Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 87Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 88Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 89Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 100 page
background image
Prequalification trials
Most of the common failures (unexpected reset and program counter corruption) can be
recovered by applying a low state on the NRST pin or the oscillator pins for 1 second.
To complete these trials, ESD stress can be applied directly on the device, over the range of
specification values. When unexpected behavior is detected, the software can be hardened
to prevent unrecoverable errors occurring. See application note AN1015 (Software techniques
for improving microcontroller EMC performance).
Table 47: EMS data
Level/
class
Conditions
Parameter
Symbol
2/B
(1)
VDD = 3.3 V, TA = 25 °C, fMASTER = 16 MHz
(HSI clock), conforming to IEC 61000-4-2
Voltage limits to be
applied on any I/O pin to
induce a functional
disturbance
VFESD
4/A
(1)
VDD= 3.3 V, TA = 25 °C ,fMASTER = 16 MHz
(HSI clock),conforming to IEC 61000-4-4
Fast transient voltage
burst limits to be applied
through 100 pF on VDD
VEFTB
and VSS pins to induce a
functional disturbance
(1)Data obtained with HSI clock configuration, after applying HW recommendations described
in AN2860 (EMC guidelines for STM8S microcontrollers).
Electromagnetic interference (EMI)
9.3.11.3
Based on a simple application running on the product (toggling 2 LEDs through the I/O ports),
the product is monitored in terms of emission. This emission test is in line with the norm SAE
IEC 61967-2 which specifies the board and the loading of each pin.
Table 48: EMI data
Unit
Conditions
Parameter
Symbol
Max fHSE/fCPU
(1)
Monitored
frequency band
General
conditions
16 MHz/
16 MHz
16 MHz/
8 MHz
dBμV
5
5
0.1 MHz to
VDD = 5 V
TA = 25 °C
Peak level
SEMI
30 MHz
LQFP32
package
5
4
30 MHz to
DocID018576 Rev 3
86/100
STM8S003K3 STM8S003F3
Electrical characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com