전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM8S003F3P6C 데이터시트(PDF) 17 Page - STMicroelectronics

부품명 STM8S003F3P6C
상세설명  Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S003F3P6C 데이터시트(HTML) 17 Page - STMicroelectronics

Back Button STM8S003F3P6C Datasheet HTML 13Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 14Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 15Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 16Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 17Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 18Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 19Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 20Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 100 page
background image
SPI
4.14.2
• Maximum speed: 8 Mbit/s (fMASTER/2) both for master and slave
• Full duplex synchronous transfers
• Simplex synchronous transfers on two lines with a possible bidirectional data line
• Master or slave operation - selectable by hardware or software
• CRC calculation
• 1 byte Tx and Rx buffer
• Slave/master selection input pin
I²C
4.14.3
• I²C master features:
- Clock generation
- Start and stop generation
• I²C slave features:
- Programmable I2C address detection
- Stop bit detection
• Generation and detection of 7-bit/10-bit addressing and general call
• Supports different communication speeds:
- Standard speed (up to 100 kHz)
- Fast speed (up to 400 kHz)
17/100
DocID018576 Rev 3
Product overview
STM8S003K3 STM8S003F3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com