| 전자부품 데이터시트 검색엔진 |
|
DF1BZ-28DP-2.5DS 데이터시트(PDF) 16 Page - Murata Manufacturing Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
DF1BZ-28DP-2.5DS 데이터시트(HTML) 16 Page - Murata Manufacturing Co., Ltd. |
|
16 / 19 page ![]() B198 DF1B Seriesq2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard) s ID Contact for Socket K ID Contact Extraction Tool DF-C-PO (A) Note 1.The applicable cable conductor is the tin plated annealing copper wire. Note 2.If other cables are used instead of the applicable cable, cotact Hirose sales department. Part Number CL No. Applicable Cable Indication DF1B-R24F DF1B-R24 DF1B-R26F DF1B-R26 DF1B-R28F DF1B-R28 DF1B-R24FA(06) DF1B-R24A(06) DF1B-R26FA(06) DF1B-R26A(06) DF1B-R28FA(06) DF1B-R28A(06) 541-0217-9 541-0220-3 541-0218-1 541-0221-6 541-0219-4 541-0222-9 541-0261-0-06 541-0264-9-06 541-0262-3-06 541-0265-1-06 541-0263-6-06 541-0266-4-06 Reel Bag Reel Bag Reel Bag Reel Bag Reel Bag Reel Bag 10000 100 10000 100 10000 100 10000 100 10000 100 10000 100 AWG Applicable Cable UL Style Wire Construction Jacket Diameter Packaging Type Quantity Finish RoHS 24 26 28 24 26 28 AWG 24 AWG 26 AWG 28 AWG 24 AWG 26 AWG 28 1061 1061 1007 1061 1007 1061 1061 1007 1061 1007 11 cores./0.16mm 7 cores./0.16mm 7 cores./0.127mm 11 cores./0.16mm 7 cores./0.16mm 7 cores./0.127mm 0.9 to 1.39mm 0.9 to 1.39mm 0.9 to 1.39mm 0.9 to 1.39mm 0.9 to 1.39mm 0.9 to 1.39mm Tin plated Yes Gold plated s Crimping Contact for Socket K Crimping Contact Extraction Tool DF-C-PO (B) Part Number CL No. Applicable Cable Indication DF1B-2022SCF DF1B-2022SC DF1B-2428SCF DF1B-2428SC DF1B-30SCF DF1B-30SC DF1B-2022SCFA DF1B-2022SCA DF1B-2428SCFA DF1B-2428SCA DF1B-30SCFA DF1B-30SCA 541-0223-1 541-0224-4 541-0678-1 541-0679-4 541-0682-9 541-0683-1 541-0662-1 541-0663-4 541-0680-3 541-0681-6 541-0684-4 541-0685-7 Reel Bag Reel Bag Reel Bag Reel Bag Reel Bag Reel Bag 10000 100 10000 100 10000 100 10000 100 10000 100 10000 100 AWG Applicable Cable Jacket Diameter Packaging Type Quantity Finish RoHS Conductor Size (Wire construction) AWG20 (21cores/0.18mm) AWG22 (17cores/0.16mm) AWG24 (11cores/0.16mm) AWG26 (7cores/0.16mm) AWG28 (7cores0.127mm) AWG30 (7cores/0.1mm) K Applicable Cable (Tin Plated Annealing Copper Wire) K Recommended Cable UL1061, UL1007 K Strip Length 2.0 to 2.5mm Note:If other cables are used instead of the applicable cable, consult Hirose sales department. Gold plated 20 22 24 28 30 20 22 24 28 30 1.2 to 1.9mm 0.9 to 1.5mm 0.6 to 1.2mm 1.2 to 1.9mm 0.9 to 1.5mm 0.6 to 1.2mm AWG 20 to AWG 22 AWG 24 to AWG 28 AWG 30 AWG 20 to AWG 22 AWG 24 to AWG 28 AWG 30 Tin plated Yes |