| 전자부품 데이터시트 검색엔진 |
|
DF1BZ-28DP-2.5DS 데이터시트(PDF) 17 Page - Murata Manufacturing Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
DF1BZ-28DP-2.5DS 데이터시트(HTML) 17 Page - Murata Manufacturing Co., Ltd. |
|
17 / 19 page ![]() Yes RoHS Finish Tin plated B199 DF1B Seriesq2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard) s ID Contact for Plug K ID Contact Extraction Tool DF-C-PO (C) Note 1.The applicable cable conductor is the tin plated annealing copper wire. Note 2.If other cables are used instead of the applicable cable, contact Hirose sales department. Part Number CL No. Applicable Cable Indication DF1B-24PRF DF1B-24PR DF1B-26PRF DF1B-26PR DF1B-28PRF DF1B-28PR 541-0666-2 541-0667-5 541-0668-8 541-0669-0 541-0670-0 541-0671-2 Reel Bag Reel Bag Reel Bag 10000 100 10000 100 10000 100 AWG Applicable Cable UL Style Wire structure Jacket Diameter Packaging Type Quantity 24 26 28 AWG 24 AWG 26 AWG 28 1061 1061 1007 1061 1007 11 pcs./0.16mm 7 pcs./0.16mm 7 pcs./0.127mm 0.9 to 1.39mm 0.9 to 1.39mm 0.9 to 1.39mm Conductor Size (Contact wire construction) AWG20 (21 pieces/0.18mm) AWG22 (17 pieces/0.16mm) AWG24 (11 pieces/0.16mm) AWG26 (7 pieces/0.16mm) AWG28 (7 pieces/0.127mm) AWG30 (7 pieces/0.1mm) K Applicable Cable (Tin Plated Annealing Copper Wire) K Recommended Cable UL1061, UL1007 K Strip Length 3.0 to 3.7mm Note:If other cables are used instead of the applicable cable, consult Hirose sales department. s Crimping Contact for Plug K Crimping Contact Extraction Tool DF-C-PO (C) Part Number CL No. Applicable cable indicator DF1B-2022PCF DF1B-2022PC DF1B-2428PCF DF1B-2428PC DF1B-30PCF DF1B-30PC DF1B-2022PCFB DF1B-2022PCB DF1-PD2428SCFB DF1-PD2428SCB DF1B-30PCFB DF1B-30PCB 541-0259-9 541-0260-8 541-0664-7 541-0665-0 541-0686-0 541-0687-2 541-0690-7 541-0691-0 541-0660-6 541-0661-9 541-0688-5 541-0689-8 20 22 24 28 30 20 22 24 28 30 Reel Bag Reel Bag Reel Bag Reel Bag Reel Bag Reel Bag 10000 100 10000 100 10000 100 10000 100 10000 100 10000 100 AWG Applicable Cable Jacket Diameter Packaging Type Quantity Gold plated Tin plated Yes 1.2 to 1.9mm 0.9 to 1.5mm 0.6 to 1.2mm 1.2 to 1.9mm 0.9 to 1.5mm 0.6 to 1.2mm AWG 20 to AWG 22 AWG 24 to AWG 28 AWG 30 AWG 20 to AWG 22 AWG 24 to AWG 28 AWG 30 Treatment RoHS |