전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L7986TA 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 L7986TA
상세설명  3 A step-down switching regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7986TA 데이터시트(HTML) 6 Page - STMicroelectronics

Back Button L7986TA Datasheet HTML 2Page - STMicroelectronics L7986TA Datasheet HTML 3Page - STMicroelectronics L7986TA Datasheet HTML 4Page - STMicroelectronics L7986TA Datasheet HTML 5Page - STMicroelectronics L7986TA Datasheet HTML 6Page - STMicroelectronics L7986TA Datasheet HTML 7Page - STMicroelectronics L7986TA Datasheet HTML 8Page - STMicroelectronics L7986TA Datasheet HTML 9Page - STMicroelectronics L7986TA Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
Electrical characteristics
L7986TA
6/43
Doc ID 022098 Rev 3
4
Electrical characteristics
TJ=-40 °C to 125 °C, VCC=12 V, unless otherwise specified.
Table 4.
Electrical characteristics
Symbol
Parameter
Test condition
Values
Unit
Min.
Typ.
Max.
VCC
Operating input voltage
range
4.5
38
V
VCCON
Turn-on VCC threshold
4.5
VCCHYS
VCC UVLO hysteresis
0.1
0.4
RDSON
MOSFET on resistance
200
400
m
Ω
ILIM
Maximum limiting current
TJ=25 °C
3.7
4.2
4.7
A
3.5
4.7
Oscillator
FSW
Switching frequency
210
250
275
KHz
VFSW
FSW pin voltage
1.254
V
DDuty Cycle
0
100
%
FADJ
Adjustable switching
frequency
RFSW=33 kΩ
1000
KHz
Dynamic characteristics
VFB
Feedback voltage
4.5 V<VCC<38 V
0.582
0.6
0.618
V
DC characteristics
IQ
Quiescent current
Duty Cycle=0, VFB=0.8
V
2.4
mA
IQST-BY
Total standby quiescent
current
20
30
μA
Enable
VEN
EN threshold voltage
Device OFF level
0.3
V
Device ON level
1.2
IEN
EN current
EN=VCC
7.5
10
μA
Soft-start
TSS
Soft-start duration
FSW pin floating
7.4
8.2
9.7
ms
FSW=1 MHz,
RFSW=33 kΩ
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com