전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L7986TA 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 L7986TA
상세설명  3 A step-down switching regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7986TA 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button L7986TA Datasheet HTML 3Page - STMicroelectronics L7986TA Datasheet HTML 4Page - STMicroelectronics L7986TA Datasheet HTML 5Page - STMicroelectronics L7986TA Datasheet HTML 6Page - STMicroelectronics L7986TA Datasheet HTML 7Page - STMicroelectronics L7986TA Datasheet HTML 8Page - STMicroelectronics L7986TA Datasheet HTML 9Page - STMicroelectronics L7986TA Datasheet HTML 10Page - STMicroelectronics L7986TA Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
L7986TA
Electrical characteristics
Doc ID 022098 Rev 3
7/43
Error amplifier
VCH
High level output voltage
VFB<0.6 V
3
V
VCL
Low level output voltage
VFB>0.6 V
0.1
IO SOURCE
Source COMP pin
VFB=0.5 V, VCOMP=1 V
19
mA
IO SINK
Sink COMP pin
VFB=0.7 V, VCOMP=1 V
30
mA
GV
Open-loop voltage gain
(1)
100
dB
Synchronization function
VS_IN,HI
High input voltage
2
3.3
V
VS_IN,LO
Low input voltage
1
tS_IN_PW
Input pulse width
VS_IN,HI=3 V,
VS_IN,LO=0 V
100
ns
VS_IN,HI=2 V,
VS_IN,LO=1 V
300
ISYNCH,LO
Slave sink current
VSYNCH=2.9 V
0.7
1
mA
VS_OUT,HI
Master output amplitude
ISOURCE=4.5 mA
2
V
tS_OUT_PW
Output pulse width
SYNCH floating
110
ns
Protection
TSHDN
Thermal shutdown
150
°C
Hysteresis
30
1.
Guaranteed by design.
Table 4.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Values
Unit
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com