전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L7986TA 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 L7986TA
상세설명  3 A step-down switching regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7986TA 데이터시트(HTML) 4 Page - STMicroelectronics

  L7986TA Datasheet HTML 1Page - STMicroelectronics L7986TA Datasheet HTML 2Page - STMicroelectronics L7986TA Datasheet HTML 3Page - STMicroelectronics L7986TA Datasheet HTML 4Page - STMicroelectronics L7986TA Datasheet HTML 5Page - STMicroelectronics L7986TA Datasheet HTML 6Page - STMicroelectronics L7986TA Datasheet HTML 7Page - STMicroelectronics L7986TA Datasheet HTML 8Page - STMicroelectronics L7986TA Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
Pin settings
L7986TA
4/43
Doc ID 022098 Rev 3
1
Pin settings
1.1
Pin connection
Figure 1.
Pin connection (top view)
1.2
Pin description
Table 1.
Pin description
N.
Type
Description
1
OUT
Regulator output
2
SYNCH
Master/slave synchronization. When it is left floating, a signal with a
phase shift of half a period, with respect to the power turn-on, is present
at the pin. When connected to an external signal at a frequency higher
than the internal one, the device is synchronized by the external signal,
with zero phase shift.
Connecting together the SYNCH pin of two devices, the one with a higher
frequency works as master and the other as slave; so the two powers
turn-ons have a phase shift of half a period.
3EN
A logical signal (active high) enables the device. With EN higher than 1.2
V the device is ON and with EN lower than 0.3 V the device is OFF.
4
COMP
Error amplifier output to be used for loop frequency compensation.
5FB
Feedback input. By connecting the output voltage directly to this pin the
output voltage is regulated at 0.6 V. To have higher regulated voltages an
external resistor divider is required from VOUT to the FB pin.
6FSW
The switching frequency can be increased connecting an external
resistor from the FSW pin and ground. If this pin is left floating, the device
works at its free-running frequency of 250 kHz.
7
GND
Ground
8VCC
Unregulated DC input voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com