| 전자부품 데이터시트 검색엔진 |
|
STM32F101RBH6 데이터시트(PDF) 79 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F101RBH6 데이터시트(HTML) 79 Page - STMicroelectronics |
|
79 / 90 page ![]() DocID13586 Rev 16 79/90 STM32F101x8, STM32F101xB Package characteristics 89 Figure 45. LQFP48 – 7 x 7mm, 48-pin low-profile quad flat package outline(1) Figure 46. LQFP48 recommended footprint(1)(2) 1. Drawing is not to scale. 2. Dimensions are in millimeters. D D1 D3 A1 L1 L k c b ccc C A1 A2 A C Seating plane 0.25 mm Gage plane E3 E1 E 12 13 24 25 48 1 36 37 Pin 1 identification 5B_ME 9.70 5.80 7.30 12 24 0.20 7.30 1 37 36 1.20 5.80 9.70 0.30 25 1.20 0.50 ai14911b 13 48 Table 51. LQFP48 – 7 x 7mm, 48-pin low-profile quad flat package mechanical data Symbol millimeters inches(1) Min Typ Max Min Typ Max A - - 1.600 - - 0.0630 A1 0.050 - 0.150 0.0020 - 0.0059 A2 1.350 1.400 1.450 0.0531 0.0551 0.0571 b 0.170 0.220 0.270 0.0067 0.0087 0.0106 c 0.090 0.200 0.0035 - 0.0079 D 8.800 9.000 9.200 0.3465 0.3543 0.3622 D1 6.800 7.000 7.200 0.2677 0.2756 0.2835 D3 - 5.500 - - 0.2165 - E 8.800 9.000 9.200 0.3465 0.3543 0.3622 E1 6.800 7.000 7.200 0.2677 0.2756 0.2835 E3 - 5.500 - - 0.2165 - e - 0.500 - - 0.0197 - L 0.450 0.600 0.750 0.0177 0.0236 0.0295 L1 - 1.000 - - 0.0394 - k 0° 3.5°7° 0°3.5° 7° ccc 0.080 0.0031 1. Values in inches are converted from mm and rounded to 4 decimal digits. |