전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KA3080 데이터시트(PDF) 7 Page - Fairchild Semiconductor

부품명 KA3080
상세설명  3-Phase BLDC Motor Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA3080 데이터시트(HTML) 7 Page - Fairchild Semiconductor

Back Button KA3080 Datasheet HTML 3Page - Fairchild Semiconductor KA3080 Datasheet HTML 4Page - Fairchild Semiconductor KA3080 Datasheet HTML 5Page - Fairchild Semiconductor KA3080 Datasheet HTML 6Page - Fairchild Semiconductor KA3080 Datasheet HTML 7Page - Fairchild Semiconductor KA3080 Datasheet HTML 8Page - Fairchild Semiconductor KA3080 Datasheet HTML 9Page - Fairchild Semiconductor KA3080 Datasheet HTML 10Page - Fairchild Semiconductor KA3080 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
KA3080/KA3080D/KA3080DM
7
Equivalent Circuits (32-SDIPH:
Ο , 28-SSOPH: (#)) (Continued)
Description
Pin No.
Internal Circuit
Speed Control
(Voltage Control)
32-SDIPH
20
28-SSOPH
5
Voltage Control
Reference
32-SDIPH
21
28-SSOPH
6
Torque Ripple
Control
32-SDIPH
31
28-SSOPH
13
Forward & Reverse
Control
32-SDIPH
32
28-SSOPH
14
20
VCC1
GOUT
(5Pin)
21
11
RS
(6Pin)
(22Pin)
Vcc1
31
RS
(13Pin)
Vcc1
32
1.25V
Vcc1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com