전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KA3080 데이터시트(PDF) 13 Page - Fairchild Semiconductor

부품명 KA3080
상세설명  3-Phase BLDC Motor Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA3080 데이터시트(HTML) 13 Page - Fairchild Semiconductor

Back Button KA3080 Datasheet HTML 9Page - Fairchild Semiconductor KA3080 Datasheet HTML 10Page - Fairchild Semiconductor KA3080 Datasheet HTML 11Page - Fairchild Semiconductor KA3080 Datasheet HTML 12Page - Fairchild Semiconductor KA3080 Datasheet HTML 13Page - Fairchild Semiconductor KA3080 Datasheet HTML 14Page - Fairchild Semiconductor KA3080 Datasheet HTML 15Page - Fairchild Semiconductor KA3080 Datasheet HTML 16Page - Fairchild Semiconductor KA3080 Datasheet HTML 17Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
KA3080/KA3080D/KA3080DM
13
6. Torque Ripple Control
The motor torque ripple is controlled by the TRCTL (Torque ripple control) voltege as follows.
1. GND
2. Normal Mode
3. Control Mode
7. Forward & Reverse Rotation Control
Forward mode: VFRCTL ≥ 1.8V
Reverse mode: VFRCTL ≤ 0.8V
8. FG Amp
9. Phase Stabilization
Be inserted a capacitor between VCC2.
This capacitor, approx. 0.1
µF is for the phase stabilization of the circuit.
31
RS
VCC1
1
2
3
(13Pin)
32
1.25V
(14Pin)
+
28
27
+
30
(10Pin)
(9Pin)
29
(11Pin)
(12Pin)
FG COMP
FG AMP
2.5V
16
18
CI
(1Pin)
(3Pin)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com