전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KA3080 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 KA3080
상세설명  3-Phase BLDC Motor Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA3080 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  KA3080 Datasheet HTML 1Page - Fairchild Semiconductor KA3080 Datasheet HTML 2Page - Fairchild Semiconductor KA3080 Datasheet HTML 3Page - Fairchild Semiconductor KA3080 Datasheet HTML 4Page - Fairchild Semiconductor KA3080 Datasheet HTML 5Page - Fairchild Semiconductor KA3080 Datasheet HTML 6Page - Fairchild Semiconductor KA3080 Datasheet HTML 7Page - Fairchild Semiconductor KA3080 Datasheet HTML 8Page - Fairchild Semiconductor KA3080 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
KA3080/KA3080D/KA3080DM
2
Pin Assignments (32SDIPH)
Pin Definitions (32SDIPH)
Pine Number
Pin Name
I/O
Pin Function Description
1
U+
I
U+ Hall Signal Input
2
U-
I
U- Hall Signal Input
3
V+
I
V+ Hall Signal Input
4
V-
I
V- Hall Signal Input
5
W+
I
W+ Hall Signal Input
6
W-
I
W- Hall Signal Input
7
GND
-
Ground (Signal)
8
GND
-
Ground (Signal)
9
GND
-
Ground (Signal)
10
GND
-
Ground (Signal)
11
RS
O
Output Current Detection
12
GOUT
-
Ground (Power)
13
UOUT
OU Out
14
VOUT
OV Out
15
WOUT
OW Out
16
VCC2
-
Supply Voltage (Power)
17
VCC1
-
Supply Voltage(Signal)
18
CI
-
Phase Stabilization
19
ILIM
I
Current Limitation
20
VCTL
I
Voltage Control
21
VREF
I
Voltage Control Reference
22
NC
-
No Connection
23
GND
-
Ground (Signal)
24
GND
-
Ground (Signal)
25
GND
-
Ground (Signal)
26
GND
-
Ground (Signal)
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
KA3080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com