| 전자부품 데이터시트 검색엔진 |
|
33461 데이터시트(PDF) 7 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
33461 데이터시트(HTML) 7 Page - Tyco Electronics |
|
7 / 60 page ![]() SOLISTRAND, Budget and DIAMOND GRIP Uninsulated Terminals and Splices Catalog 65505 Revised 9-00 Table listing: Circular Mil Area for common wire sizes (Continued) For drawings, technical data or samples, contact your AMP sales engineer or call the AMP Technical Support Center 1-800-522-6752. Dimensions are in inches and millimeters unless otherwise specified. Values in brackets are metric equivalents. Specifications subject to change. Consult AMP for latest specifications. 7 Wire Sizes in AWG and mm2 to CMA Note: The following tables are applicable to single and multiple strand, round, conductors only. 299947 300 152 12 .1581 4.016 0.657 14.66 300209 300 152 19 .1257 3.193 0.629 15.98 349560 350 177 61 .0757 1.923 0.681 17.3 349804 350 177 91 .0620 1.575 0.682 17.32 349875 350 177 19 .1357 3.447 0.679 17.25 350072 350 177 12 .1708 4.338 0.710 18.03 350290 350 177 37 .0973 2.471 0.681 17.3 400026 400 203 19 .1451 3.686 0.726 18.44 400192 400 203 37 .1040 2.642 0.728 18.49 400221 400 203 61 .0810 2.057 0.729 18.49 400008 400 203 91 .0663 1.684 0.729 18.49 499868 500 253 19 .1622 4.12 0.811 20.6 499590 500 253 37 .1162 2.951 0.813 20.65 499605 500 253 61 .0905 2.299 0.815 20.7 499664 500 253 91 .0741 1.882 0.815 20.7 599401 600 304 127 .0687 1.745 0.893 22.68 599596 600 304 37 .1273 3.233 0.891 22.63 600003 600 304 91 .0812 2.062 0.893 22.68 600279 600 304 61 .0992 2.52 0.893 22.68 699216 700 355 127 .0742 1.885 0.965 24.51 699531 700 355 37 .1375 3.493 0.963 24.46 699695 700 355 61 .1071 2.72 0.964 24.49 699907 700 355 91 .0877 2.228 0.965 24.51 750227 750 405 61 .1109 2.817 0.998 25.35 750262 750 405 91 .0908 2.306 0.999 25.37 750277 750 405 37 .1424 3.617 0.997 25.32 749096 750 405 127 .0768 1.951 0.998 25.35 799533 800 456 37 .1470 3.734 1.029 26.14 799725 800 456 61 .1145 2.908 1.031 26.19 800654 800 456 127 .0794 2.017 1.032 26.21 800658 800 456 91 .0938 2.383 1.032 26.21 999197 1000 507 127 .0887 2.253 1.153 29.29 999424 1000 507 61 .1280 3.251 1.152 29.26 999457 1000 507 91 .1048 2.662 1.153 29.29 1000012 1000 507 37 .1644 4.176 1.151 29.24 Nominal Strands Approximate CMA Wire Size No. Diameter Conductor Diameter AWG mm2 Inch mm Inch mm Chart 2 (Solid Wire) U.S. Customary Dimensions Use to convert wire size to inches of diameter and CMA. To read mils direct, move decimal point three places to the right. AWG Dia. CMA* AWG Dia. CMA* inches inches 4/0 .460 212,000 19 .036 1,290 3/0 .410 168,000 20 .032 1,020 2/0 .365 133,000 21 .0285 810 1/0 .325 106,000 22 .0253 642 1 .289 83,700 23 .0226 509 2 .258 66,400 24 .0201 404 3 .229 52,600 25 .0179 320 4 .204 41,700 26 .0159 254 5 .182 33,100 27 .0142 202 6 .162 26,300 28 .0126 160 7 .144 20,800 29 .0113 127 8 .128 16,500 30 .0100 101 9 .114 13,100 31 .0089 79.7 10 .102 10,400 32 .0080 63.2 11 .091 8,230 33 .0071 50.1 12 .081 6,530 34 .0063 39.8 13 .072 5,180 35 .0056 31.5 14 .064 4,110 36 .0050 25.0 15 .057 3,260 37 .0045 19.8 16 .051 2,580 38 .0040 15.7 17 .045 2,050 39 .0035 12.5 18 .040 1,620 40 .0031 9.9 Metric Dimensions Use to convert wire size to millimeters of diameter and CMA. mm2 Dia. CMA* mm2 Dia. CMA* mm mm 113.1 12 223,000 0.6362 0.9 1,260 78.54 10 155,000 0.5027 0.8 992 63.62 9 125,000 0.3848 0.7 759 50.27 8 99,200 0.3318 0.65 655 38.48 7 75,900 0.2827 0.6 558 33.18 6.5 65,500 0.2376 0.55 469 28.27 6 55,800 0.1964 0.5 338 23.76 5.5 46,900 0.159 0.45 314 19.64 5 38,800 0.1257 0.4 248 15.90 4.5 31,400 0.09621 0.35 190 12.57 4 24,800 0.08042 0.32 159 9.621 3.5 19,000 0.06605 0.29 130 8.042 3.2 15,900 0.05309 0.26 105 6.605 2.9 13,000 0.04155 0.23 82 5.309 2.6 10,500 0.03142 0.2 62 4.155 2.3 8,200 0.02545 0.18 50.2 3.142 2 6,200 0.02011 0.16 39.7 2.545 1.8 5,020 0.01539 0.14 30.4 2.011 1.6 3,970 0.01131 0.12 22.3 1.539 1.4 3,040 0.00785 0.1 15.5 1.131 1.2 2,230 0.7854 1 1,550 *Nominal CMA has been “rounded off” for ease of calculation when using multiple wires in one termination. |