| 전자부품 데이터시트 검색엔진 |
|
33461 데이터시트(PDF) 42 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
33461 데이터시트(HTML) 42 Page - Tyco Electronics |
|
42 / 60 page ![]() SOLISTRAND, Budget and DIAMOND GRIP Uninsulated Terminals and Splices Catalog 65505 Revised 9-00 For drawings, technical data or samples, contact your AMP sales engineer or call the AMP Technical Support Center 1-800-522-6752. Dimensions are in inches and millimeters unless otherwise specified. Values in brackets are metric equivalents. Specifications subject to change. Consult AMP for latest specifications. 42 Spade Tongue Terminals Wire Size Range AWG 26 to 16, CMA 202 to 3,260 [0.1 to 1.65 mm2] Material Terminal Body and Sleeve — Copper per ASTM B-152 Plating — Tin per MIL-T-10727 Wire Size Dimensions Material Wire Part Numbers Circular Mils Stud L E C W X Thickness Insulation Loose Tape [mm2] Size Max. Max. Min. Max. Dia. Max. Piece Mounted 26–22 0 .415 .348 .078 .125 .062 .020 .082 32502 — 202–810 10.54 8.84 1.98 3.18 1.57 0.51 2.08 [0.1–0.41] 4 .558 .481 .211 .203 .072 .020 .082 34248 — 14.17 12.22 5.36 5.16 1.83 0.51 2.08 6 .684 .538 .203 .297 .141 .033 .125 33766 — M3.5 17.37 13.67 5.16 7.54 3.58 0.84 3.18 22–16 6 .684 .538 .203 .297 .141 .033 .140 33799 — 509–3,260 M3.5 17.37 13.67 5.16 7.54 3.58 0.84 3.56 [0.26–1.65] 10 .807 .631 .296 .343 .171 .033 .125 320379 — 20.50 16.03 7.52 8.71 4.34 0.84 3.18 Note: “C” dimension applies from edge of metal wire barrel to center of stud hole. |