| 전자부품 데이터시트 검색엔진 |
|
33461 데이터시트(PDF) 26 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
33461 데이터시트(HTML) 26 Page - Tyco Electronics |
|
26 / 60 page ![]() SOLISTRAND, Budget and DIAMOND GRIP Uninsulated Terminals and Splices Catalog 65505 Revised 9-00 For drawings, technical data or samples, contact your AMP sales engineer or call the AMP Technical Support Center 1-800-522-6752. Dimensions are in inches and millimeters unless otherwise specified. Values in brackets are metric equivalents. Specifications subject to change. Consult AMP for latest specifications. 26 Spade Tongue Terminals Wire Size Dimensions Material Wire Barrel I.D. Min. Part Numbers Circular Mils Stud L E C W X Thickness Solistrand Budget Solistrand Budget [mm2] Size Max. Max. Min. Max. 26–22 0 .280 .213 .078 .125 .062 .020 — .035 — 32501 202–810 7.11 5.41 1.98 3.18 1.57 0.51 0.89 [0.1–0.41] 4 .431 .346 .211 .203 .076 .020 — .035 — 34247 10.95 8.79 5.36 5.16 1.93 0.51 0.89 2 .504 .384 .203 .182 .115 .033 .061 .065 2-53555-1* 328395 M2 12.80 9.75 5.16 4.62 2.92 0.84 1.55 1.65 2-53555-2* 4 .451 .337 .156 .218 .109 .033 .061 .065 321463 323834 11.46 8.56 3.96 5.54 2.77 0.84 1.55 1.65 2-321463-1 .685 .493 .312 .375 .187 .033 — .065 — 31634 17.40 12.52 7.92 9.53 4.75 0.84 1.65 6 .530 .384 .203 .297 .141 .033 .061 .065 36195* 33765 M3.5 13.46 9.75 5.16 7.54 3.58 0.84 1.55 1.65 2-36195-3* 22–16 .623 .493 .312 .250 .125 .033 .061 .065 323127* 34518* 509–3,260 15.82 12.52 7.92 6.35 3.18 0.84 1.55 1.65 [0.26–1.65] .685 .493 .312 .375 .187 .033 .061 .065 34117* 31635* 8 17.40 12.52 7.92 9.53 4.75 0.84 1.55 1.65 2-34117-2* M4 .653 .477 .296 .343 .171 .033 — .065 — 323823 16.59 12.12 7.52 8.71 4.34 0.84 1.65 .733 .572 .312 .344 .156 .033 .061 — 34583 34582 18.62 14.53 7.92 8.74 3.96 0.84 1.55 10 .685 .493 .312 .375 .187 .033 .061 .065 34118* 31636* 17.40 12.52 7.92 9.53 4.75 0.84 1.55 1.65 2-34118-2* .685 .493 .312 .385 .187 .033 — .089 — 31704 17.40 12.52 7.92 9.78 4.75 0.84 2.26 6 .530 .384 .203 .297 .141 .033 .085 .089 2-322996*1 33202* M3.5 13.46 9.75 5.16 7.54 3.58 0.84 2.16 2.26 2-322996-1 .623 .493 .312 .244 .125 .033 .085 .089 330827 33221 15.82 12.52 7.92 6.20 3.18 0.84 2.16 2.26 16–14 .685 .493 .312 .385 .187 .033 .085 .089 34128* 31705* 2,050–5,180 8 17.40 12.52 7.92 9.78 4.75 0.84 2.16 2.26 [1.04–2.62] M4 .530 .384 .203 .297 .141 .033 .085 .089 36880 35116 13.46 9.75 5.16 7.54 3.58 0.84 2.16 2.26 2-36880-1 .764 .572 .312 .385 .187 .033 .085 .089 33219* 31442 19.41 14.53 7.92 9.78 4.75 0.84 2.16 2.26 10 .685 .493 .312 .385 .187 .033 .085 .089 34129* 31706 17.40 12.52 7.92 9.78 4.75 0.84 2.16 2.26 .733 .572 .312 .344 .156 .033 .085 — 324521 — 18.62 14.53 7.92 8.74 3.96 0.84 2.16 .772 .564 .296 .406 .203 .042 — .134 — 31587 19.61 14.33 7.52 10.31 5.16 1.07 3.40 6 .631 .486 .218 .282 .140 .042 .129 .134 322451* 34384 M3.5 16.03 12.34 5.54 7.16 3.56 1.07 3.28 3.40 .772 .564 .296 .312 .203 .042 — .134 — 35493 19.61 14.33 7.52 7.92 5.16 1.07 3.40 12–10 .991 .757 .468 .312 .250 .042 .129 .134 325196 325195 5,180–13,100 8 25.17 19.23 11.89 7.92 6.35 1.07 3.28 3.40 [2.62–6.64] M4 .772 .564 .296 .406 .203 .042 .129 .134 32995* 31588* 19.61 14.33 7.52 10.31 5.16 1.07 3.28 3.40 .772 .564 .296 .406 .203 .042 .129 .134 33479* 31589 19.61 14.33 7.52 10.31 5.16 1.07 3.28 3.40 2-33479-1* 10 .772 .564 .296 .375 .203 .042 .129 .134 35495* 35494* 19.61 14.33 7.52 9.53 5.16 1.07 3.28 3.40 2-35495-2* Note: Part numbers are shown as loose piece over tape mounted product. *Part numbers are available in small quantity packages. Wire Size Range AWG 26 to 10, CMA 202 to 13,100 [0.1 to 6.64 mm2] Material Terminal Body — Copper per ASTM B-152 Plating — Tin per MIL-T-10727 |