전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

30F4013 데이터시트(PDF) 8 Page - Microchip Technology

부품명 30F4013
상세설명  High-Performance,16-bit Digital Signal Controllers
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

30F4013 데이터시트(HTML) 8 Page - Microchip Technology

Back Button 30F4013 Datasheet HTML 4Page - Microchip Technology 30F4013 Datasheet HTML 5Page - Microchip Technology 30F4013 Datasheet HTML 6Page - Microchip Technology 30F4013 Datasheet HTML 7Page - Microchip Technology 30F4013 Datasheet HTML 8Page - Microchip Technology 30F4013 Datasheet HTML 9Page - Microchip Technology 30F4013 Datasheet HTML 10Page - Microchip Technology 30F4013 Datasheet HTML 11Page - Microchip Technology 30F4013 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 228 page
background image
dsPIC30F3014/4013
DS70138G-page 8
 2010 Microchip Technology Inc.
Pin Diagrams (Continued)
44-Pin QFN(1)
3
30
29
28
27
26
25
24
23
4
5
7
8
9
10
11
1
2
32
31
dsPIC30F4013
6
33
AN4/IC7/CN6/RB4
AN5/IC8/CN7/RB5
PGC/EMUC/AN6/OCFA/RB6
PGD/EMUD/AN7/RB7
AN8/RB8
OSC2/CLKO/RC15
VDD
VDD
VSS
VSS
OSC1/CLKI
EMUC2/OC1/RD0
EMUD2/OC2/RD1
VDD
VDD
VSS
C1RX/RF0
C1TX/RF1
U2RX/CN17/RF4
U2TX/CN18/RF5
U1RX/SDI1/SDA/RF2
AN12/COFS/RB12
Note
1:
The metal plane at the bottom of the device is not connected to any pins and is recommended to be connected to VSS externally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More