전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS3100A18-3SW 데이터시트(PDF) 38 Page - Amphenol Corporation

부품명 CS3100A18-3SW
상세설명  Amphenol MIL-DTL-5015 and MIL-5015
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMPHENOL [Amphenol Corporation]
홈페이지  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

CS3100A18-3SW 데이터시트(HTML) 38 Page - Amphenol Corporation

Back Button CS3100A18-3SW Datasheet HTML 34Page - Amphenol Corporation CS3100A18-3SW Datasheet HTML 35Page - Amphenol Corporation CS3100A18-3SW Datasheet HTML 36Page - Amphenol Corporation CS3100A18-3SW Datasheet HTML 37Page - Amphenol Corporation CS3100A18-3SW Datasheet HTML 38Page - Amphenol Corporation CS3100A18-3SW Datasheet HTML 39Page - Amphenol Corporation CS3100A18-3SW Datasheet HTML 40Page - Amphenol Corporation CS3100A18-3SW Datasheet HTML 41Page - Amphenol Corporation CS3100A18-3SW Datasheet HTML 42Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 73 page
background image
37
front face of pin insert or rear face of socket insert illustrated
MS/Standard
contact arrangements
Insert Arrangement
36-16
36-17
36-18
Service Rating
AAA
Number of Contacts
7
40
7
40
1
2
14
14
Contact Size
12
16
12
16
4
8
12
16
Insert Arrangement
36-20
36-52
40-1
Service Rating
AAD
Number of Contacts
2
2
30
52
6
24
Contact Size
8
12 16
16
12
16
Insert Arrangement
40-9
40-56
48-62
Service Rating
AAD
Number of Contacts
1
22 24
85
85
Contact Size
8
12 16
16
16
CONTACT LEGEND
16
12
8
4
0
110° Rotation
of 36-7
100° Rotation
of 36-9
100° Rotation
of 36-7
AB
CD
E
F
G
HJ
K
L
M
N
P
R
ST
U
V
W
XY
Z
a
b
c
d
e
f
g
h
j
k
m
A BC
D
E
F
HJ
K
LM
N
P
R
S
TU
V
W
X
Y
Z
ab
c
d
fg
h
i
jk
m
n
p
r
t
u
v
w
s
x
y
z
q
AA
AB
AC
AD
AE
AF
AH
AB
C
DE
F
G
HI
J
K
L
MN
O
P
R
S
TU
V
W
X
YZ
a
b
c
de
AB
C
DE
F
G
H
IJ
K
L
MN
O
PQ
R
ST
U
V
W
X
YZ
a
b
c
d
e
f
g
h
i
j
k
l
m
n
p
r
tu
s
o
q
AB
C
D
EF
H
J
K
L
M
NP
R
S
T
U
V
W
XY
Z
a
b
c
df
g
hi
j
k
m
n
p
r
t
uv
w
s
xy
z
q
AA
AB
AC
AD
AE
AF
AH
AJ
AK
AL
AM
AN
AP
AR
AS
AT
AU
AV
AW
AX
AY
AZ
BA
BB
BV
BC
BD
BE
BF
BH
BJ
BK
BL
BM
BN
BS
BT
BU
BP
BR
12
3
4
56
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
81
82
83
84
85
100˚
A
B
CD
E
FG
H
I
J
K
L
M
N
O
P
RS
T
U
V
W
X
Y
Z
ab
c
d
e
f
g
h
j
k
m
np
r
t
uv
w
s
x
y
z
110˚
AB
C
D
E
F
G
H
I
J
K
L
M
N
O
P
R
S
T
U
VW
X
Y
Z
a
b
c
d
e
f
g
h
j
k
m
np
r
t
u
v
w
s
x
y
z
100˚
A
B
C
D
E
F
G
H
I
J
K
L
M
N
O
P
R
S
T
U
V
W
X
Y
Z
a
b
c
d
e
f



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com