| 전자부품 데이터시트 검색엔진 |
|
CS3100A18-3SW 데이터시트(PDF) 56 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
CS3100A18-3SW 데이터시트(HTML) 56 Page - Amphenol Corporation |
|
56 / 73 page ![]() 55 C B V Thread A The MS3057-A style cable clamp was designed for use with jacketed cable or wires protected by tubing. Both clamping halves float for maximum strain relief. For unjacketed cable or wires, use corresponding MS3420 sleeve. To order clamp with sleeve, add -1 to the 97 - number. Two telescoping sleeves are fur- nished with shells sizes 24 and larger. MS/Standard Accessories MS3057-A style cable clamp, MS3420 sleeve Shell Size Amphenol Number A ±.031 B Max. C Dia. Min. V Thread 10SL, 12S 97-3057-1004 .795 .842 .3125 .6250-24 14,14S 97-3057-1007 .850 .995 .4375 .7500-20 16,16S 97-3057-1008 .920 1.120 .5625 .8750-20 18 97-3057-1010 .920 1.216 .6250 1.0000-20 20, 22 97-3057-1012 .927 1.403 .7500 1.1875-18 24, 28 97-3057-1016 1.015 1.683 .9375 1.4375-18 32 97-3057-1020 1.095 2.050 1.2500 1.7500-18 36 97-3057-1024 1.156 2.245 1.3750 2.0000-18 Sleeve MS Part No. Amphenol Number A ±.005 B ±.005 C ±.010 D ±.031 3420-3 9779-513-3 .130 .210 .374 2.875 3420-4 9779-513-4 .220 .302 .500 2.750 3420-6 9779-513-6 .312 .427 .614 2.625 3420-8 9779-513-8 .437 .552 .739 2.500 3420-10 9779-513-10 .562 .615 .889 2.375 3420-12 9779-513-12 .625 .740 1.084 2.250 3420-16 9779-513-16 .750 .927 1.309 2.125 3420-20 9779-513-20 .937 1.240 1.592 2.000 3420-24 9779-513-24 1.250 1.365 1.842 1.875 A C D B |