전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS3100A18-3SW 데이터시트(PDF) 58 Page - Amphenol Corporation

부품명 CS3100A18-3SW
상세설명  Amphenol MIL-DTL-5015 and MIL-5015
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMPHENOL [Amphenol Corporation]
홈페이지  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

CS3100A18-3SW 데이터시트(HTML) 58 Page - Amphenol Corporation

Back Button CS3100A18-3SW Datasheet HTML 54Page - Amphenol Corporation CS3100A18-3SW Datasheet HTML 55Page - Amphenol Corporation CS3100A18-3SW Datasheet HTML 56Page - Amphenol Corporation CS3100A18-3SW Datasheet HTML 57Page - Amphenol Corporation CS3100A18-3SW Datasheet HTML 58Page - Amphenol Corporation CS3100A18-3SW Datasheet HTML 59Page - Amphenol Corporation CS3100A18-3SW Datasheet HTML 60Page - Amphenol Corporation CS3100A18-3SW Datasheet HTML 61Page - Amphenol Corporation CS3100A18-3SW Datasheet HTML 62Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 73 page
background image
57
Cable clamp 10-350349 features a reduced close-down diameter, a positive, physical mois-
ture barrier, and cadmium olive drab plating with a chromate after-treatment. It has a slightly
longer overall length than the 10-305200. This is a suitable replacement clamp for M85049/2.
Shell
Size
Clamp
Part No.
A Thread
Class 2A
(Plated)
B Dia.
M
Max.
Y
Max.
Sleeve
MS
Part No.
H Dia.
Free
Closed
Free
±.016
Closed
8S, 10S
10-350349-103
.5000-28UNEF
.219
.027
1.313
.812
3420-3A
.125
.000
10SL, 12, 12S
10-350349-123
.6250-24UNEF
.312
.094
1.313
.906
3420-4A
.219
.010
14, 14S
10-350349-143
.7500-20UNEF
.438
.230
1.313
1.031
3420-6A
3420-4A
.312
.219
.114
.020
16, 16S
10-350349-163
.8750-20UNEF
.531
.316
1.313
1.125
3420-8A
3420-6A
.438
.312
.222
.085
18
10-350349-183
1.0000-20UNEF
.625
.378
1.391
1.234
3420-10A
3420-6A
.438
.312
.200
.085
20, 22
10-350349-203
1.1875-18UNEF
.750
.445
1.406
1.484
3420-12A
3420-8A
.541
.438
.270
.177
24, 28
10-350349-243
1.4375-18UNEF
.938
.611
1.516
1.671
3420-16A
3420-12A
3420-8A
.750
.541
.438
.433
.260
.186
32
10-350349-323
1.7500-18UNS
1.250
.922
1.766
2.188
3420-20A
3420-16A
3420-12A
.938
.750
.541
.620
.442
.273
36
10-350349-363
2.0000-18UNS
1.375
.922
2.031
2.344
3420-24A
3420-18A
3420-16A
1.125
.938
.750
.682
.504
.358
40
10-350349-403
2.2500-16UN
1.625
1.180
2.031
2.594
3420-28A
3420-20A
3420-16A
1.250
.938
.750
.816
.514
.368
44
10-350349-443
2.5000-16UN
1.865
1.427
2.186
2.812
3420-32A
3420-28A
3420-20A
1.625
1.250
.938
1.229
.897
.638
MS/Standard Accessories
10-350349
cable clamp,
MS3420( )A
sleeve
Y
M
A
Thread
H
MS3420-( )A Sleeve
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com