| 전자부품 데이터시트 검색엔진 |
|
MCP25020TE/P 데이터시트(PDF) 20 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP25020TE/P 데이터시트(HTML) 20 Page - Microchip Technology |
|
20 / 66 page ![]() MCP2502X/5X DS21664D-page 20 © 2007 Microchip Technology Inc. 0Eh ADCON04 A/D Control Register; contains enable, conversion rate, channel select bits 29h TXID2SIDL Transmit Buffer 2, Standard ID LSB, Extended ID USB, and Extended ID enable 0Fh ADCON14 A/D Control Register; contains voltage reference source, conversion rate and A/D input enable bits 2Ah TXID2EID8 Transmit Buffer 2, Extended ID MSB 10h STCON Scheduled Transmission Control Register 2Bh TXID2EID0 Transmit Buffer 2, Extended ID LSB 11h OPTREG2 Configuration options, including Sleep mode, RTR message and error recovery enables 2Ch ADCMP3H4 Analog Channel 3 Compare Value MSB 12h — Reserved 2Dh ADCMP3L4 Analog Channel 3 Compare Value LSb’s 13h — Reserved 2Eh ADCMP2H4 Analog Channel 2 Compare Value MSB 14h RXMSIDH Acceptance Filter Mask, Standard ID MSB 2Fh ADCMP2L4 Analog Channel 2 Compare Value LSb’s 15h RXMSIDL Acceptance Filter Mask, Standard ID LSB and Extended ID USB 30h ADCMP1H4 Analog Channel 1 Compare Value MSB 16h RXMEID8 Acceptance Filter Mask, Extended ID MSB 31h ADCMP1L4 Analog Channel 1 Compare Value LSb’s 17h RXMEID0 Acceptance Filter Mask, Extended ID LSB 32h ADCMP0H4 Analog Channel 0 Compare Value MSB 18h RXF0SIDH Acceptance Filter 0, Standard ID MSB 33h ADCMP0L4 Analog Channel 0 Compare Value LSb’s 19h RXF0SIDL Acceptance Filter 0, Standard ID LSB, Extended ID USB, and Extended ID enable 34h GPDDR1 General Purpose I/O Data Direction Register 1Ah RXF0EID8 Acceptance Filter 0, Extended ID MSB 35-44h USER[0:F]2 User Defined Bytes (0-15) TABLE 3-1: USER MEMORY MAP (CONTINUED) Address Name Description Address Name Description Note 1: GPDDR is mapped to 1Fh is SRAM and not offset by 1Ch. 2: User memory (35h-44h) is not transferred to RAM on power-up and can only be accessed via “Read User Mem” commands. 3: Cannot be modified from initial programmed values. 4: Unimplemented on MCP2502X devices and read 0x00 (exception, ADCON1 = 0x0F). TABLE 3-2: ACCESSIBLE RAM REGISTERS NOT IN THE EPROM MAP Addr* Name bit7 bit6 bit5 bit4 bit3 bit2 bit1 bit0 Value on POR Value on RST 1Fh** GPDDR — DDR6 DDR4 DDR4 DDR3 DDR2 DDR1 DDR0 -111 1111 -111 1111 18h EFLG ESCF RBO TXEP TXEP RXEP TXWAR RXWAR EWARN 0000 0000 0000 0000 19h TEC Transmit Error Counters 0000 0000 0000 0000 1Ah REC Receive Error Counters 0000 0000 0000 0000 50h ADRES3H AN3.9 AN3.8 AN3.6 AN3.6 AN3.5 AN3.4 AN3.3 AN3.2 xxxx xxxx uuuu uuuu 51h ADRES3L AN3.1 AN3.0 — — — — — — xx-- ---- uu-- ---- 52h ADRES2H AN2.9 AN2.8 AN2.6 AN2.6 AN2.5 AN2.4 AN2.3 AN2.2 xxxx xxxx uuuu uuuu 53h ADRES2L AN2.1 AN2.0 — — — — — — xx-- ---- uu-- ---- 54h ADRES1H AN1.9 AN1.8 AN1.6 AN1.6 AN1.5 AN1.4 AN1.3 AN1.2 xxxx xxxx uuuu uuuu 55h ADRES1L AN1.1 AN1.0 — — — — — — xx-- ---- uu-- ---- 56h ADRES0H AN0.9 AN0.8 AN0.6 AN0.6 AN0.5 AN0.4 AN0.3 AN0.2 xxxx xxxx uuuu uuuu 57h ADRES0L AN0.1 AN0.0 — — — — — — xx-- ---- uu-- ---- * These addresses are used when using the “Write Register” or “Read Register” command ** The GPDDR register is not offset to RAM the same as the other registers in the EPROM |