| 전자부품 데이터시트 검색엔진 |
|
MCP25020TE/P 데이터시트(PDF) 33 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP25020TE/P 데이터시트(HTML) 33 Page - Microchip Technology |
|
33 / 66 page ![]() © 2007 Microchip Technology Inc. DS21664D-page 33 MCP2502X/5X REGISTER 5-4: IOINTPO REGISTER REGISTER 5-5: IOINTFL REGISTER R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 GP7POL GP6POL GP5POL GP4POL GP3POL GP2POL GP1POL GP0POL bit 7 bit 0 bit 7-0 GP7POL:GP0POL: Transmit-on-change Polarity bits 1 = Digital Inputs: Low-to-High Transition On Corresponding GPIO Input Pin Generates a transmit message Analog Inputs: A/D result above compare value generates a transmit message 0 = Digital Inputs: High-to-Low Transition On Corresponding GPIO Input Generates transmit message Analog Inputs: A/D result below compare value generates a transmit message Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ - n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown R-0 R-0 R-0 R-0 R-0 R-0 R-0 R-0 GP7TXF GP6TXF GP5TXF GP4TXF GP3TXF GP2TXF GP1TXF GP0TXF bit 7 bit 0 bit 7-0 GP7TXF:GP0TXF: Transmit-on-change Polarity bits 1 = Digital Inputs: A valid edge has occurred on the digital input Analog Inputs: A/D result does exceed the compare threshold 0 = Digital Inputs: A valid edge has not occurred on the digital input Analog Inputs: A/D result does not exceed the compare threshold Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ - n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown |