전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCP25020TE/P 데이터시트(PDF) 24 Page - Microchip Technology

부품명 MCP25020TE/P
상세설명  CAN I/O Expander Family
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP25020TE/P 데이터시트(HTML) 24 Page - Microchip Technology

Back Button MCP25020TE/P Datasheet HTML 20Page - Microchip Technology MCP25020TE/P Datasheet HTML 21Page - Microchip Technology MCP25020TE/P Datasheet HTML 22Page - Microchip Technology MCP25020TE/P Datasheet HTML 23Page - Microchip Technology MCP25020TE/P Datasheet HTML 24Page - Microchip Technology MCP25020TE/P Datasheet HTML 25Page - Microchip Technology MCP25020TE/P Datasheet HTML 26Page - Microchip Technology MCP25020TE/P Datasheet HTML 27Page - Microchip Technology MCP25020TE/P Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 66 page
background image
MCP2502X/5X
DS21664D-page 24
© 2007 Microchip Technology Inc.
4.4.3
TRANSMIT MESSAGE PRIORITY
There is a priority for all transmit messages, including
TXIDn and all “Output” messages.
The transmit message priority is as follows:
1.
Output messages have the highest priority.
Prioritization of the individual output message
types is determined by the three bits that
determine message type, with the lowest value
having the highest priority (e.g., Read A/D Regs
is a higher priority than Read Control Regs).
2.
TXID2 (Transmit auto-converted messages) has
the second-highest priority.
3.
TXID1 (Command acknowledge) has the third-
highest priority.
4.
TXID0 (On Bus message) has the lowest
priority.
In the event two or more messages are pending
transmission, transmit-message-prioritization will occur
and the highest message type will be sent first.
Messages that are currently transmitting will not be
prioritized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66