전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLAS191A 데이터시트(PDF) 42 Page - Texas Instruments

부품명 SLAS191A
상세설명  Starter Kit Evaluation Kit Manual
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SLAS191A 데이터시트(HTML) 42 Page - Texas Instruments

Back Button SLAS191A Datasheet HTML 38Page - Texas Instruments SLAS191A Datasheet HTML 39Page - Texas Instruments SLAS191A Datasheet HTML 40Page - Texas Instruments SLAS191A Datasheet HTML 41Page - Texas Instruments SLAS191A Datasheet HTML 42Page - Texas Instruments SLAS191A Datasheet HTML 43Page - Texas Instruments SLAS191A Datasheet HTML 44Page - Texas Instruments SLAS191A Datasheet HTML 45Page - Texas Instruments SLAS191A Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 86 page
background image
2–6
r[i]
The r <ENTER> command, shown in Figure 2–6, without a specific register number, shows all 16 CPU
registers R0 to R15. With this syntax, a modification of the register contents is not possible.
Enter r then <ENTER> at the command prompt
>init
MSP–STK430A320
>r
reg 0000 : 0300 03de 0008 0000 f48c 0010 0069 000e
reg 0008 : 1a28 402a 0000 ffd0 4040 6803 e2c2 07a0
>
Figure 2–6. Register Command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86