전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLAS191A 데이터시트(PDF) 43 Page - Texas Instruments

부품명 SLAS191A
상세설명  Starter Kit Evaluation Kit Manual
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SLAS191A 데이터시트(HTML) 43 Page - Texas Instruments

Back Button SLAS191A Datasheet HTML 39Page - Texas Instruments SLAS191A Datasheet HTML 40Page - Texas Instruments SLAS191A Datasheet HTML 41Page - Texas Instruments SLAS191A Datasheet HTML 42Page - Texas Instruments SLAS191A Datasheet HTML 43Page - Texas Instruments SLAS191A Datasheet HTML 44Page - Texas Instruments SLAS191A Datasheet HTML 45Page - Texas Instruments SLAS191A Datasheet HTML 46Page - Texas Instruments SLAS191A Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 86 page
background image
2–7
Entering the command with the hexadecimal register number r[i] <ENTER> as shown in Figure 2–7, results
in displaying only the contents of the dedicated register i.
Type r5 <ENTER> at the command prompt
>r5
reg 0005 : 0010 _
Figure 2–7. Register Specified Command
NOTE: Modification of the Registers R1, R3, and R4
The Monitor Program does not allow the modification of registers R1, R3, and R4. R1 is the
stack pointer and can not be modified because of the internal program structure of the monitor.
R3 is the constant generator register and therefore cannot be modified. R4 is internally used
by the monitor, therefore, modification of R4 by the user application code will overwrite the
correct function in the monitor program and cause improper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86