전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLAS191A 데이터시트(PDF) 24 Page - Texas Instruments

부품명 SLAS191A
상세설명  Starter Kit Evaluation Kit Manual
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SLAS191A 데이터시트(HTML) 24 Page - Texas Instruments

Back Button SLAS191A Datasheet HTML 20Page - Texas Instruments SLAS191A Datasheet HTML 21Page - Texas Instruments SLAS191A Datasheet HTML 22Page - Texas Instruments SLAS191A Datasheet HTML 23Page - Texas Instruments SLAS191A Datasheet HTML 24Page - Texas Instruments SLAS191A Datasheet HTML 25Page - Texas Instruments SLAS191A Datasheet HTML 26Page - Texas Instruments SLAS191A Datasheet HTML 27Page - Texas Instruments SLAS191A Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 86 page
background image
1–18
Next, the object file gs_stk1.txt will be downloaded to RAM of the MSP430-STK/EVK.
The PC downloads the object file gs_stk1.txt to RAM of the MSP430_STK/EVK. The PC uses the
HyperTerminal
to communicate with the Monitor Program in the EVK/STK EPROM or ROM.
Windows95 (NT) provides a terminal emulator icon under Start/Programs/Accessories.
Double-clicking with the mouse on the STK430 terminal icon also starts the HyperTerminal. The STK430
icon is located under the ADT430 program group.
Serial communication is set up for the STK/EVK as needed. When the serial interface of the STK/EVK is
connected to the COM2 port of the PC, the LCD display on the STK/EVK will show MSP430, and the Monitor
in the MSP430 device will send the following string:
MSP–STK430A320
>_
Figure 1–15. Terminal Window



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86