전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM8L052C6 데이터시트(PDF) 100 Page - STMicroelectronics

부품명 STM8L052C6
상세설명  Value Line, 8-bit ultralow power MCU, 32-KB Flash, 256-byte data EEPROM, RTC, LCD, timers, USART, I2C, SPI, ADC
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L052C6 데이터시트(HTML) 100 Page - STMicroelectronics

Back Button STM8L052C6 Datasheet HTML 94Page - STMicroelectronics STM8L052C6 Datasheet HTML 95Page - STMicroelectronics STM8L052C6 Datasheet HTML 96Page - STMicroelectronics STM8L052C6 Datasheet HTML 97Page - STMicroelectronics STM8L052C6 Datasheet HTML 98Page - STMicroelectronics STM8L052C6 Datasheet HTML 99Page - STMicroelectronics STM8L052C6 Datasheet HTML 100Page - STMicroelectronics STM8L052C6 Datasheet HTML 101Page - STMicroelectronics STM8L052C6 Datasheet HTML 102Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 100 / 102 page
background image
Device ordering information
STM8L052C6
100/102
Doc ID 023331 Rev 1
10
Device ordering information
Figure 40.
Medium density value line STM8L05xxx ordering information scheme
1.
For a list of available options (e.g. memory size, package) and orderable part numbers
or for further information on any aspect of this device, please contact the ST sales
office nearest to you
STM8
L
052
C
6
T
6
Product class
STM8 microcontroller
Pin count
C = 48 pins
Example:
Sub-family type
052 = Ultra-low-power with LCD
Family type
L = Low power
Temperature range
6 = - 40 °C to 85 °C
Program memory size
6 = 32 Kbytes
Package
T = LQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com