전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM8L052C6 데이터시트(PDF) 26 Page - STMicroelectronics

부품명 STM8L052C6
상세설명  Value Line, 8-bit ultralow power MCU, 32-KB Flash, 256-byte data EEPROM, RTC, LCD, timers, USART, I2C, SPI, ADC
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L052C6 데이터시트(HTML) 26 Page - STMicroelectronics

Back Button STM8L052C6 Datasheet HTML 22Page - STMicroelectronics STM8L052C6 Datasheet HTML 23Page - STMicroelectronics STM8L052C6 Datasheet HTML 24Page - STMicroelectronics STM8L052C6 Datasheet HTML 25Page - STMicroelectronics STM8L052C6 Datasheet HTML 26Page - STMicroelectronics STM8L052C6 Datasheet HTML 27Page - STMicroelectronics STM8L052C6 Datasheet HTML 28Page - STMicroelectronics STM8L052C6 Datasheet HTML 29Page - STMicroelectronics STM8L052C6 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 102 page
background image
Pin description
STM8L052C6
26/102
Doc ID 023331 Rev 1
20
PD0/TIM3_CH2/
[ADC1_TRIG](8)/
LCD_SEG7/ADC1_IN22/
I/O TT(2)
XX
X
HS
X
X Port D0
Timer 3 - channel 2 /
[ADC1_Trigger] / LCD
segment 7 / ADC1_IN22
21
PD1/TIM3_ETR/
LCD_COM3/
ADC1_IN21
I/O TT(2)
XX
X
HS
X
X Port D1
Timer 3 - external trigger /
LCD_COM3 / ADC1_IN21
22
PD2/TIM1_CH1
/LCD_SEG8/
ADC1_IN20
I/O TT(2)
XX
X
HS
X
X Port D2
Timer 1 - channel 1 / LCD
segment 8 / ADC1_IN20
23
PD3/ TIM1_ETR/
LCD_SEG9/ADC1_IN19
I/O TT(2)
XX
X
HS
X
X Port D3
Timer 1 - externaltrigger /
LCD segment 9 /
ADC1_IN19
33
PD4/TIM1_CH2
/LCD_SEG18/
ADC1_IN10
I/O TT(2)
XX
X
HS
X
X Port D4
Timer 1 - channel 2 / LCD
segment 18 / ADC1_IN10
34
PD5/TIM1_CH3
/LCD_SEG19/
ADC1_IN9
I/O TT(2)
XX
X
HS
X
X Port D5
Timer 1 - channel 3 / LCD
segment 19 / ADC1_IN9
35
PD6/TIM1_BKIN
/LCD_SEG20/
ADC1_IN8/RTC_CALIB/
/VREFINT
I/O TT(2)
XX
X
HS
X
X Port D6
Timer 1 - break input / LCD
segment 20 / ADC1_IN8 /
RTC calibration / Internal
voltage reference output
36
PD7/TIM1_CH1N
/LCD_SEG21/
ADC1_IN7/RTC_ALARM/V
REFINT
I/O TT(2)
XX
X
HS
X
X Port D7
Timer 1 - inverted channel
1/ LCD segment 21 /
ADC1_IN7 / RTC alarm /
Internal voltage reference
output
14
PE0(3)/LCD_SEG1
I/O
FT
X
X
X
HS
X
X Port E0 LCD segment 1
15
PE1/TIM1_CH2N/
LCD_SEG2
I/O TT(2)
XX
X
HS
X
X Port E1
Timer 1 - inverted channel
2 / LCD segment 2
16
PE2/TIM1_CH3N/
LCD_SEG3
I/O TT(2)
XX
X
HS
X
X Port E2
Timer 1 - inverted channel
3 / LCD segment 3
17
PE3/LCD_SEG4
I/O TT(2)
XX
X
HS
X
X Port E3 LCD segment 4
18
PE4/LCD_SEG5
I/O TT(2)
XX
X
HS
X
X Port E4 LCD segment 5
19
PE5/LCD_SEG6/
ADC1_IN23
I/O TT(2)
XX
X
HS
X
X Port E5
LCD segment 6 /
ADC1_IN23
47
PE6/LCD_SEG26/
PVD_IN
I/O TT(2)
XX
X
HS
X
X Port E6 LCD segment 26/PVD_IN
Table 4.
Medium density value line STM8L05xxx pin description (continued)
Pin
number
Pin name
Input
Output
Default alternate function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com