전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTC1293CCSW 데이터시트(PDF) 8 Page - Linear Technology

부품명 LTC1293CCSW
상세설명  Single Chip 12-Bit Data Acquisition System
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINER [Linear Technology]
홈페이지  http://www.linear.com
Logo LINER - Linear Technology

LTC1293CCSW 데이터시트(HTML) 8 Page - Linear Technology

Back Button LTC1293CCSW Datasheet HTML 4Page - Linear Technology LTC1293CCSW Datasheet HTML 5Page - Linear Technology LTC1293CCSW Datasheet HTML 6Page - Linear Technology LTC1293CCSW Datasheet HTML 7Page - Linear Technology LTC1293CCSW Datasheet HTML 8Page - Linear Technology LTC1293CCSW Datasheet HTML 9Page - Linear Technology LTC1293CCSW Datasheet HTML 10Page - Linear Technology LTC1293CCSW Datasheet HTML 11Page - Linear Technology LTC1293CCSW Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
8
LTC1293/LTC1294/LTC1296
129346fs
I
DAGRA
BLOCK
(Pin numbers refer to LTC1294)
Load Circuit for tdDO, tr and tf
Load Circuit for tenSSO and tdisSSO
DOUT
1.4V
3k
Ω
100pF
TEST POINT
LTC1293 TC02
1.4V
3k
Ω
100pF
TEST POINT
LTC1293 TC08
SSO
LT1296
TEST CIRCUITS
On and Off Channel Leakage Current
DOUT
3k
100pF
TEST POINT
5V tdis WAVEFORM 2, ten
tdis WAVEFORM 1
LTC1293 TC05
Load Circuit for tdis and ten
INPUT
SHIFT
REGISTER
SAMPLE
AND
HOLD
12-BIT
CAPACITIVE
DAC
DVCC
20
ANALOG
INPUT MUX
1
2
3
4
5
6
7
8
9
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
COM
DOUT
16
CLK
18
CONTROL
AND
TIMING
17
CS
LTC1293 BD
19
15
REF
+
14
DGND
10
V
–
11
AGND
12
REF
–
13
COMP
12-BIT
SAR
OUTPUT
SHIFT
REGISTER
DIN
AVCC
5V
A
A
IOFF
ION
POLARITY
OFF
CHANNELS
ON CHANNEL
LTC1293 TC1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com