| 전자부품 데이터시트 검색엔진 |
|
LTC1293CCSW 데이터시트(PDF) 12 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC1293CCSW 데이터시트(HTML) 12 Page - Linear Technology |
|
12 / 28 page ![]() 12 LTC1293/LTC1294/LTC1296 129346fs S APPLICATI I FOR ATIO Bipolar Transfer Curve (UNI = 0) OUTPUT CODE 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 0 • • • 1 0 0 0 0 0 0 0 0 0 0 1 1 0 0 0 0 0 0 0 0 0 0 0 INPUT VOLTAGE –1LSB –2LSB • • • –(VREF) + 1LSB – (VREF) INPUT VOLTAGE (VREF = 5V) –0.0024V –0.0048V • • • –4.9976V –5.00000V OUTPUT CODE 0 1 1 1 1 1 1 1 1 1 1 1 0 1 1 1 1 1 1 1 1 1 1 0 • • • 0 0 0 0 0 0 0 0 0 0 0 1 0 0 0 0 0 0 0 0 0 0 0 0 INPUT VOLTAGE VREF – 1LSB VREF – 2LSB • • • 1LSB 0V INPUT VOLTAGE (VREF = 5V) 4.9976V 4.9851V • • • 0.0024V 0V LTC1293 AI04a Bipolar Output Code (UNI = 0) INPUT CONFIGURATION UNIPOLAR MODE BIPOLAR MODE Single-Ended Lower Value COM –(REF + – REF–) + COM Upper Value (REF + – REF–) + COM (REF+ – REF–) + COM Differential Lower Value IN – –(REF + – REF–) + IN– Upper Value (REF + – REF–) + IN– (REF + – REF–) + IN– The following discussion will demonstrate how the two reference pins are to be used in conjunction with the analog input multiplexer. In unipolar mode the input span of the A/D is set by the difference in voltage on the REF + pin and the REF – pin. In the bipolar mode the input span is twice the difference in voltage on the REF+ pin and the REF – pin. In the unipolar mode the lower value of the input span is set by the voltage on the COM pin for single-ended inputs and by the voltage on the minus input pin for differential inputs. For the bipolar mode of operation the voltage on the COM pin or the minus input pin set the center of the input span. The upper and lower value of the input span can now be summarized in the following table: The reference voltages REF+ and REF – can fall between VCC and V –, but the difference (REF+ –REF–) must be less than or equal to VCC. The input voltages must be less than or equal to VCC and greater than or equal to V –. For the LTC1293 REF – = 0V. The following examples are for a single-ended input con- figuration. Example 1: Let VCC = 5V, V – = 0V, REF+ = 4V, REF– = 1V and COM = 0V. Unipolar mode of operation. The resulting input span is 0V ≤ IN+ ≤ 3V. VIN 1 1 1 1 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 0 0 0 1 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 0 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 0 • • • 1 0 0 0 0 0 0 0 0 0 0 1 1 0 0 0 0 0 0 0 0 0 0 0 • • • LTC1293 AI04b |
|
|
링크 URL |
| ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크 투 데이터시트 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |