| 전자부품 데이터시트 검색엔진 |
|
LTC1293CCSW 데이터시트(PDF) 17 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC1293CCSW 데이터시트(HTML) 17 Page - Linear Technology |
|
17 / 28 page ![]() 17 LTC1293/LTC1294/LTC1296 129346fs Sharing the Serial Interface The LTC1293/4/6 can share the same 3-wire serial inter- face with other peripheral components or other LTC1293/ 4/6’s (Figure 3). Now, the CS signals decide which LTC1293/ 4/6 is being addressed by the MPU. ANALOG CONSIDERATIONS Grounding The LTC1293/4/6 should be used with an analog ground plane and single point grounding techniques. Do not use wire wrapping techniques to breadboard and evaluate the S APPLICATI I FOR ATIO CLR P1.3 CLK GOES LOW CLR A CLEAR ACC RLC A ROTATE DATA BIT (B3) INTO ACC MOV C,P1.2 READ DATA BIT INTO CARRY RLC A ROTATE DATA BIT (B2) INTO ACC SETB P1.3 CLK GOES HIGH CLR P1.3 CLK GOES LOW MOV C,P1.2 READ DATA BIT INTO CARRY RLC A ROTATE DATA BIT (B1) INTO ACC SETB P1.3 CLK GOES HIGH CLR P1.3 CLK GOES LOW MOV C,P1.2 READ DATA BIT INTO CARRY SETB P1.4 CS GOES HIGH RRC A ROTATE DATA BIT (B0) INTO ACC RRC A ROTATE RIGHT INTO ACC RRC A ROTATE RIGHT INTO ACC RRC A ROTATE RIGHT INTO ACC MOV R3,A STORE LSBs IN R3 AJMP CONT START NEXT CONVERSION LABEL MNEMONIC OPERAND COMMENTS SETB P1.4 CS GOES HIGH CONT MOV A,#87H DIN WORD FOR LTC1294 CLR P1.4 CS GOES LOW MOV R4,#08H LOAD COUNTER LOOP1 RLC A ROTATE DIN BIT INTO CARRY CLR P1.3 CLK GOES LOW MOV P1.2,C OUTPUT DIN BIT TO LTC1294 SETB P1.3 CLK GOES HIGH DJNZ R4,LOOP1 NEXT DIN BIT MOV P1,#04H P1.2 BECOMES AN INPUT CLR P1.3 CLK GOES LOW MOV R4,#09H LOAD COUNTER LOOP MOV C,P1.2 READ DATA BIT INTO CARRY RLC A ROTATE DATA BIT (B3) INTO ACC SETB P1.3 CLK GOES HIGH CLR P1.3 CLK GOES LOW DJNZ R4,LOOP NEXT DOUT BIT MOV R2,A STORE MSBs IN R2 MOV C,P1.2 READ DATA BIT INTO CARRY SETB P1.3 CLK GOES HIGH LABEL MNEMONIC OPERAND COMMENTS 8051 CODE 8 CHANNELS 8 CHANNELS 8 CHANNELS 3 3 3 3 3-WIRE SERIAL INTERFACE TO OTHER PERIPHERALS OR LTC1293/4/6s 2 10 OUTPUT PORT SERIAL DATA MPU LTC1293 F03 LTC1294 CS LTC1294 CS LTC1294 CS Figure 3. Several LTC1294 Sharing One 3-Wire Serial Interface device. To achieve the optimum performance use a PC board. The analog ground pin (AGND) should be tied directly to the ground plane with minimum lead length (a low profile socket is fine). The digital ground pin (DGND) also can be tied directly to this ground pin because minimal digital noise is generated within the chip itself. VCC should be bypassed to the ground plane with a 22µF (minimum value) tantalum with leads as short as possible and as close as possible to the pin. A 0.1 µF ceramic disk also should be placed in parallel with the 22 µF and again with leads as short as possible and as close to VCC as possible. AVCC and DVCC should be tied together on the |
|
|
링크 URL |
| ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크 투 데이터시트 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |