전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC16F1503 데이터시트(PDF) 33 Page - Microchip Technology

부품명 PIC16F1503
상세설명  14-Pin Flash, 8-Bit Microcontrollers
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1503 데이터시트(HTML) 33 Page - Microchip Technology

Back Button PIC16F1503 Datasheet HTML 29Page - Microchip Technology PIC16F1503 Datasheet HTML 30Page - Microchip Technology PIC16F1503 Datasheet HTML 31Page - Microchip Technology PIC16F1503 Datasheet HTML 32Page - Microchip Technology PIC16F1503 Datasheet HTML 33Page - Microchip Technology PIC16F1503 Datasheet HTML 34Page - Microchip Technology PIC16F1503 Datasheet HTML 35Page - Microchip Technology PIC16F1503 Datasheet HTML 36Page - Microchip Technology PIC16F1503 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 340 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41607A-page 33
PIC16(L)F1503
FIGURE 3-5:
ACCESSING THE STACK EXAMPLE 2
FIGURE 3-6:
ACCESSING THE STACK EXAMPLE 3
0x0F
0x0E
0x0D
0x0C
0x0B
0x0A
0x09
0x08
0x07
0x06
0x05
0x04
0x03
0x02
0x01
Return Address
0x00
STKPTR = 0x00
This figure shows the stack configuration
after the first CALL or a single interrupt.
If a RETURN instruction is executed, the
return address will be placed in the
Program Counter and the Stack Pointer
decremented to the empty state (0x1F).
TOSH:TOSL
0x0F
0x0E
0x0D
0x0C
0x0B
0x0A
0x09
0x08
0x07
Return Address
0x06
Return Address
0x05
Return Address
0x04
Return Address
0x03
Return Address
0x02
Return Address
0x01
Return Address
0x00
STKPTR = 0x06
After seven CALLs or six CALLs and an
interrupt, the stack looks like the figure
on the left. A series of RETURN instructions
will repeatedly place the return addresses
into the Program Counter and pop the stack.
TOSH:TOSL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More