전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DM163006 데이터시트(PDF) 11 Page - Microchip Technology

부품명 DM163006
상세설명  High-Performance ROM-less Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM163006 데이터시트(HTML) 11 Page - Microchip Technology

Back Button DM163006 Datasheet HTML 7Page - Microchip Technology DM163006 Datasheet HTML 8Page - Microchip Technology DM163006 Datasheet HTML 9Page - Microchip Technology DM163006 Datasheet HTML 10Page - Microchip Technology DM163006 Datasheet HTML 11Page - Microchip Technology DM163006 Datasheet HTML 12Page - Microchip Technology DM163006 Datasheet HTML 13Page - Microchip Technology DM163006 Datasheet HTML 14Page - Microchip Technology DM163006 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 320 page
background image
 2001 Microchip Technology Inc.
Advance Information
DS39541A-page 11
PIC18C601/801
FIGURE 1-2:
PIC18C801 BLOCK DIAGRAM
Instruction
Decode &
Control
OSC1/CLKI
OSC2/CLKO
MCLR
VDD, VSS
PORTA
PORTB
PORTC
RA4/T0CKI
RA5/AN4/SS/LVDIN
RB0/INT0
RC0/T1OSO/T13CKI
RC1/T1OSI
RC2/CCP1
RC3/SCK/SCL
RC4/SDI/SDA
RC5/SDO
RC6/TX1/CK1
RC7/RX1/DT1
USART1
CCP1
Synchronous
Timer0
Timer1
Timer2
Serial Port
RA3/AN3/VREF+
RA2/AN2/VREF-
RA1/AN1
RA0/AN0
Timing
Generation
RB1/INT1
Data Latch
Data RAM
Address<12>
12
Bank0,F
FSR0
FSR1
FSR2
inc/dec
logic
Decode
4
12
4
PCH
PCL
PCLATH
8
31 Level Stack
Program Counter
PRODL
PRODH
8 x 8 Multiply
WREG
8
BITOP
8
8
ALU<8>
8
Address Latch
Program Memory
(up to 2 Mbytes)
Data Latch
20
21
21
16
8
8
8
TablePointer<21>
inc/dec logic
21
8
Data Bus<8>
Table Latch
8
IR
12
3
ROM Latch
Timer3
PORTD
RD7:RD0/AD7:AD0
CCP2
RB2/INT2
RB3/CCP2
T1OSI
T1OSO
PCLATU
PCU
PORTF
RF0/AN5
RF1/AN6
RF2/AN7
PORTG
10-bit A/D
RB4
RB5
RB6
RB7
RE7:RE0/AD15:AD8
PORTE
RF3/CSIO
RF4/CS2
RF5/CS1
RF6/LB
RF7/UB
RG0/ALE
RG1/OE
RG2/WRL
RG3/WRH
RG4/BA0
PORTH
RH3:RH0/A19:A16
PORTJ
RJ7:RJ0/D7:D0
RH4/AN8
RH5/AN9
RH6/AN10
RH7/AN11
AD7:AD0
A19:A16, AD15:AD0
5
Power-up
Timer
Oscillator
Start-up Timer
Power-on
Reset
Watchdog
Timer
Low Voltage
Detect
1 Kbyte
Address Latch
BSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More