| 전자부품 데이터시트 검색엔진 |
|
DM163006 데이터시트(PDF) 13 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DM163006 데이터시트(HTML) 13 Page - Microchip Technology |
|
13 / 320 page ![]() 2001 Microchip Technology Inc. Advance Information DS39541A-page 13 PIC18C601/801 PORTA is a bi-directional I/O port. RA0/AN0 RA0 AN0 24 34 30 42 I/O I TTL Analog Digital I/O. Analog input 0. RA1/AN1 RA1 AN1 23 33 29 41 I/O I TTL Analog Digital I/O. Analog input 1. RA2/AN2/VREF- RA2 AN2 VREF- 22 32 28 40 I/O I I TTL Analog Analog Digital I/O. Analog input 2. A/D reference voltage (Low) input. RA3/AN3/VREF+ RA3 AN3 VREF+ 21 31 27 39 I/O I I TTL Analog Analog Digital I/O. Analog input 3. A/D reference voltage (High) input. RA4/T0CKI RA4 T0CKI 28 39 34 47 I/O I ST/OD ST Digital I/O – Open drain when configured as output. Timer0 external clock input. RA5/AN4/SS/LVDIN RA5 AN4 SS LVDIN 27 38 33 46 I/O I I I TTL Analog ST Analog Digital I/O. Analog input 4. SPI slave select input. Low voltage detect input. TABLE 1-2: PINOUT I/O DESCRIPTIONS (CONTINUED) Pin Name Pin Number Pin Type Buffer Type PIC18C601 PIC18C801 TQFP PLCC TQFP PLCC Description Legend: TTL = TTL compatible input CMOS = CMOS compatible input or output ST = Schmitt Trigger input with CMOS levels Analog = Analog input I = Input O = Output P = Power OD = Open Drain (no P diode to VDD) |