전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EM3027IDSWS8 데이터시트(PDF) 23 Page - EM Microelectronic - MARIN SA

부품명 EM3027IDSWS8
상세설명  Real Time Clock with I2C or SPI, Crystal Temperature Compensation, Battery Switchover and Trickle Charger
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EMMICRO [EM Microelectronic - MARIN SA]
홈페이지  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM3027IDSWS8 데이터시트(HTML) 23 Page - EM Microelectronic - MARIN SA

Back Button EM3027IDSWS8 Datasheet HTML 19Page - EM Microelectronic - MARIN SA EM3027IDSWS8 Datasheet HTML 20Page - EM Microelectronic - MARIN SA EM3027IDSWS8 Datasheet HTML 21Page - EM Microelectronic - MARIN SA EM3027IDSWS8 Datasheet HTML 22Page - EM Microelectronic - MARIN SA EM3027IDSWS8 Datasheet HTML 23Page - EM Microelectronic - MARIN SA EM3027IDSWS8 Datasheet HTML 24Page - EM Microelectronic - MARIN SA EM3027IDSWS8 Datasheet HTML 25Page - EM Microelectronic - MARIN SA EM3027IDSWS8 Datasheet HTML 26Page - EM Microelectronic - MARIN SA EM3027IDSWS8 Datasheet HTML 27Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
EM3027
Copyright
 2013, EM Microelectronic-Marin SA
3027-DS.doc, Version 8.0, 25-Jan-13
23
www.emmicroelectronic.com
The following conditions have to be met:
Rise time is equal to 0.847 RPU (CB + N * CI/O)  RPU < tR max / (0.847 (CB + N CI/O)), where N is total number of
I/O pins connected to the corresponding bus line.
(tR in ns, C in pF, R in kΩ)
The minimum value of the pullup resistor value can be calculated with the IOL value of the SDA output:
RPU = (Vcc – VOL) / IOL
( IOL: see Table 7, page 5, Output Parameters; e.g. 5mA at VCC = 5.0V, with VOL = 0.8V )
SCL
Start
SDA
tBUF
tHD:STA
tLOW
tR
tHD:DAT
tHIGH
tF
tSU:DAT
tSU:STA
tSU:STO
Stop
Figure 8: I2C Timing
10.2
I2C Specification compliance
EM3027 device with I2C serial interface was designed
in compliance with Philips Semiconductors I
2C-bus
specification UM10204 (Rev. 03
– 19 June 2007), Fast-
mode class (up to 400kbit/s). Device address consists
of 7 bits. Clock stretching is not supported.
Brief manual to I2C interface read and write
transmissions is to be found in §7.1.
There are, however, the following discrepancies between
I2C specification and EM3027 interface:
1)
Falling time on SDA driven by EM3027 can be
shorter than 20 + 0.1* CB ns. (CB is total capacitive
load for SDA bus line in pF) In other words, slope
control of falling edges on SDA is missing.
2)
Some timing parameters differ from the original I2C
specification
– refer to Table 13.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28