전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MPC8548ECHXATHC 데이터시트(PDF) 68 Page - Freescale Semiconductor, Inc

부품명 MPC8548ECHXATHC
상세설명  Integrated Processor Hardware Specifications
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548ECHXATHC 데이터시트(HTML) 68 Page - Freescale Semiconductor, Inc

Back Button MPC8548ECHXATHC Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 72Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 151 page
background image
MPC8548E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 9
68
Freescale Semiconductor
High-Speed Serial Interfaces (HSSI)
— The input amplitude of the differential clock must be between 400 and 1600 mV differential
peak-peak (or between 200 and 800 mV differential peak). In other words, each signal wire of
the differential pair must have a single-ended swing less than 800 mV and greater than 200 mV.
This requirement is the same for both external DC- or AC-coupled connection.
— For external DC-coupled connection, as described in Section 16.2.1, “SerDes Reference Clock
Receiver Characteristics,” the maximum average current requirements sets the requirement for
average voltage (common mode voltage) to be between 100 and 400 mV. Figure 40 shows the
SerDes reference clock input requirement for DC-coupled connection scheme.
— For external AC-coupled connection, there is no common mode voltage requirement for the
clock driver. Since the external AC-coupling capacitor blocks the DC level, the clock driver
and the SerDes reference clock receiver operate in different command mode voltages. The
SerDes reference clock receiver in this connection scheme has its common mode voltage set to
SGND_SRDSn. Each signal wire of the differential inputs is allowed to swing below and above
the command mode voltage (SGND_SRDSn). Figure 41 shows the SerDes reference clock
input requirement for AC-coupled connection scheme.
•
Single-ended mode
— The reference clock can also be single-ended. The SD_REF_CLK input amplitude
(single-ended swing) must be between 400 and 800 mV peak-to-peak (from Vmin to Vmax) with
SD_REF_CLK either left unconnected or tied to ground.
— The SD_REF_CLK input average voltage must be between 200 and 400 mV. Figure 42 shows
the SerDes reference clock input requirement for single-ended signaling mode.
— To meet the input amplitude requirement, the reference clock inputs might need to be DC- or
AC-coupled externally. For the best noise performance, the reference of the clock could be DC-
or AC-coupled into the unused phase (SD_REF_CLK) through the same source impedance as
the clock input (SD_REF_CLK) in use.
Figure 40. Differential Reference Clock Input DC Requirements (External DC-Coupled)
SD_REF_CLK
SD_REF_CLK
Vmax < 800 mV
Vmin > 0V
100 mV < Vcm < 400 mV
200 mV < Input Amplitude or Differential Peak < 800 mV
SD_REF_CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com