전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MPC8548ECHXATHC 데이터시트(PDF) 72 Page - Freescale Semiconductor, Inc

부품명 MPC8548ECHXATHC
상세설명  Integrated Processor Hardware Specifications
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548ECHXATHC 데이터시트(HTML) 72 Page - Freescale Semiconductor, Inc

Back Button MPC8548ECHXATHC Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 76Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 151 page
background image
MPC8548E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 9
72
Freescale Semiconductor
High-Speed Serial Interfaces (HSSI)
16.2.4
AC Requirements for SerDes Reference Clocks
The clock driver selected must provide a high quality reference clock with low phase noise and
cycle-to-cycle jitter. Phase noise less than 100 kHz can be tracked by the PLL and data recovery loops and
is less of a problem. Phase noise above 15 MHz is filtered by the PLL. The most problematic phase noise
occurs in the 1–15 MHz range. The source impedance of the clock driver must be 50
 to match the
transmission line and reduce reflections which are a source of noise to the system.
The detailed AC requirements of the SerDes reference clocks are defined by each interface protocol based
on application usage. See the following sections for detailed information:
•
Section 17.2, “AC Requirements for PCI Express SerDes Clocks”
•
Section 18.2, “AC Requirements for Serial RapidIO SD_REF_CLK and SD_REF_CLK”
16.2.4.1
Spread Spectrum Clock
SD_REF_CLK/SD_REF_CLK are designed to work with a spread spectrum clock (+0% to –0.5%
spreading at 30–33 kHz rate is allowed), assuming both ends have same reference clock. For better results,
a source without significant unintended modulation must be used.
16.3
SerDes Transmitter and Receiver Reference Circuits
Figure 47 shows the reference circuits for SerDes data lane’s transmitter and receiver.
Figure 47. SerDes Transmitter and Receiver Reference Circuits
The DC and AC specification of SerDes data lanes are defined in each interface protocol section below
(PCI Express, Serial Rapid IO, or SGMII) in this document based on the application usage:
•
Section 17, “PCI Express”
•
Section 18, “Serial RapidIO”
Note that external an AC coupling capacitor is required for the above three serial transmission protocols
with the capacitor value defined in the specification of each protocol section.
SD_TXn
SD_TXn
SD_RXn
SD_RXn
50
Receiver
Transmitter
50
50
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com