전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MPC8548ECHXATHC 데이터시트(PDF) 85 Page - Freescale Semiconductor, Inc

부품명 MPC8548ECHXATHC
상세설명  Integrated Processor Hardware Specifications
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548ECHXATHC 데이터시트(HTML) 85 Page - Freescale Semiconductor, Inc

Back Button MPC8548ECHXATHC Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 89Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 151 page
background image
MPC8548E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 9
Freescale Semiconductor
85
Serial RapidIO
For each baud rate at which an LP-serial transmitter is specified to operate, the output eye pattern of the
transmitter shall fall entirely within the unshaded portion of the transmitter output compliance mask shown
in Figure 52 with the parameters specified in Table 65 when measured at the output pins of the device and
the device is driving a 100-
 ± 5% differential resistive load. The output eye pattern of an LP-serial
Table 63. Long Run Transmitter AC Timing Specifications—2.5 GBaud
Characteristic
Symbol
Range
Unit
Notes
Min
Max
Output voltage
VO
–0.40
2.30
V
Voltage relative to COMMON of either signal
comprising a differential pair
Differential output voltage
VDIFFPP
800
1600
mVp-p
—
Deterministic jitter
JD
—
0.17
UI p-p
—
Total jitter
JT
—
0.35
UI p-p
—
Multiple output skew
SMO
—
1000
ps
Skew at the transmitter output between lanes of a
multilane link
Unit interval
UI
400
400
ps
±100 ppm
Table 64. Long Run Transmitter AC Timing Specifications—3.125 GBaud
Characteristic
Symbol
Range
Unit
Notes
Min
Max
Output voltage
VO
–0.40
2.30
V
Voltage relative to COMMON of either signal
comprising a differential pair
Differential output voltage
VDIFFPP
800
1600
mVp-p
—
Deterministic jitter
JD
—
0.17
UI p-p
—
Total jitter
JT
—
0.35
UI p-p
—
Multiple output skew
SMO
—
1000
ps
Skew at the transmitter output between lanes of a
multilane link
Unit interval
UI
320
320
ps
±100 ppm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com