전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TAS5706APAPR 데이터시트(PDF) 60 Page - Texas Instruments

Click here to check the latest version.
부품명 TAS5706APAPR
상세설명  20-W Stereo Digital Audio Power Amplifier with EQ and DRC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5706APAPR 데이터시트(HTML) 60 Page - Texas Instruments

Back Button TAS5706APAPR Datasheet HTML 56Page - Texas Instruments TAS5706APAPR Datasheet HTML 57Page - Texas Instruments TAS5706APAPR Datasheet HTML 58Page - Texas Instruments TAS5706APAPR Datasheet HTML 59Page - Texas Instruments TAS5706APAPR Datasheet HTML 60Page - Texas Instruments TAS5706APAPR Datasheet HTML 61Page - Texas Instruments TAS5706APAPR Datasheet HTML 62Page - Texas Instruments TAS5706APAPR Datasheet HTML 63Page - Texas Instruments TAS5706APAPR Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 71 page
background image
TAS5706B SPECIFIC REGISTER SETTINGS:
TAS5706A
TAS5706B
SLOS606D – MARCH 2009 – REVISED SEPTEMBER 2009............................................................................................................................................. www.ti.com
The TAS5706B is recommended for 2.1-mode operations. When used in the 2.1 mode, the following register
settings are recommended for best performance:
Shutdown Group Register
Table 28. SHUTDOWN GROUP REGISTER (0x19) = 0x0C
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
–
–
–
–
–
–
–
Reserved
–
0
–
–
–
–
–
–
Reserved
–
–
0
–
–
–
–
–
Channel 6 does not belong to shutdown group.
–
–
–
0
–
–
–
–
Channel 5 does not belong to shutdown group.
–
–
–
–
1
–
–
–
Channel 4 belong to shutdown group.
–
–
–
–
–
1
–
–
Channel 3 belong to shutdown group.
–
–
–
–
–
–
0
–
Channel 2 does not belong to shutdown group.
–
–
–
–
–
–
–
0
Channel 1 does not belong to shutdown group.
START/STOP Register
Table 29. Start/Stop Period Register (0x1A) = 0x95
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
1
–
–
–
–
–
–
–
Single-Ended Load (SE Mode)
–
0
0
–
–
–
–
–
RESERVED
–
–
–
1
0
1
0
1
703.1-ms 50% duty cycle start/stop period
Input Mux Register
This register controls the modulation scheme (AD or BD mode) as well as the routing of I2S audio to the internal
channels
If used in 2.1 Mode (2SE + 1 BTL), the SE channels should be in AD Mode and BTL channels should be in BD
Mode. Register 0X20 should be updated to reflect this setting as shown in Table 30:
60
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TAS5706A TAS5706B
TAS5706A is Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71