전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M24C32-FDW6TP 데이터시트(PDF) 22 Page - STMicroelectronics

부품명 M24C32-FDW6TP
상세설명  32-Kbit serial I짼C bus EEPROM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C32-FDW6TP 데이터시트(HTML) 22 Page - STMicroelectronics

Back Button M24C32-FDW6TP Datasheet HTML 18Page - STMicroelectronics M24C32-FDW6TP Datasheet HTML 19Page - STMicroelectronics M24C32-FDW6TP Datasheet HTML 20Page - STMicroelectronics M24C32-FDW6TP Datasheet HTML 21Page - STMicroelectronics M24C32-FDW6TP Datasheet HTML 22Page - STMicroelectronics M24C32-FDW6TP Datasheet HTML 23Page - STMicroelectronics M24C32-FDW6TP Datasheet HTML 24Page - STMicroelectronics M24C32-FDW6TP Datasheet HTML 25Page - STMicroelectronics M24C32-FDW6TP Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
Initial delivery state
M24C32-W M24C32-R M24C32-F M24C32-X M24C32-DF
22/40
Doc ID 4578 Rev 21
6
Initial delivery state
The device is delivered with all bits set to 1 (both in the memory array and in the
Identification page - that is, each byte contains FFh).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40