전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TXDV1212RG 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 TXDV1212RG
상세설명  12 A high voltage Triacs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TXDV1212RG 데이터시트(HTML) 6 Page - STMicroelectronics

  TXDV1212RG Datasheet HTML 1Page - STMicroelectronics TXDV1212RG Datasheet HTML 2Page - STMicroelectronics TXDV1212RG Datasheet HTML 3Page - STMicroelectronics TXDV1212RG Datasheet HTML 4Page - STMicroelectronics TXDV1212RG Datasheet HTML 5Page - STMicroelectronics TXDV1212RG Datasheet HTML 6Page - STMicroelectronics TXDV1212RG Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Ordering information
TXDVxx12
6/7
Doc ID 18272 Rev 2
3
Ordering information
4
Revision history
Table 7.
Ordering information
Order code
Marking
Package
Weight
Base qty Delivery mode
TXDV812RG
TXDV812
TO-220AB
insulated
2.3 g
50
Tube
TXDV1212RG
TXDV1212
Table 8.
Document revision history
Date
Revision
Changes
30-Mar-2011
1
Initial release.
13-Jan-2012
2
Updated dI/dt in Table 2, and added Vto and Rd in Table 3



Html Pages

1 2 3 4 5 6 7