전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCP2120 데이터시트(PDF) 3 Page - Microchip Technology

부품명 MCP2120
상세설명  Infrared Encoder/Decoder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2120 데이터시트(HTML) 3 Page - Microchip Technology

  MCP2120 Datasheet HTML 1Page - Microchip Technology MCP2120 Datasheet HTML 2Page - Microchip Technology MCP2120 Datasheet HTML 3Page - Microchip Technology MCP2120 Datasheet HTML 4Page - Microchip Technology MCP2120 Datasheet HTML 5Page - Microchip Technology MCP2120 Datasheet HTML 6Page - Microchip Technology MCP2120 Datasheet HTML 7Page - Microchip Technology MCP2120 Datasheet HTML 8Page - Microchip Technology MCP2120 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
© 2007 Microchip Technology Inc.
DS21618B-page 3
MCP2120
1.0
DEVICE OVERVIEW
This document contains device specific information for
the following device:
• MCP2120
This device is a low-cost, high-performance, fully-static
infrared encoder/decoder. This device sits between a
UART and an infrared (IR) optical transceiver.
The data received from a standard UART is encoded
(modulated), and output as electrical pulses to the IR
Transceiver. The IR Transceiver also receives data
which it outputs as electrical pulses. The MCP2120
decodes (demodulates) these electrical pulses and
then the data is transmitted by the MCP2120 UART.
This modulation and demodulation method is
performed in accordance with the IrDA standard.
Typically a microcontroller interfaces to the IR encoder/
decoder.
Infrared communication is a wireless two-way data
connection using infrared light generated by low-cost
transceiver signaling technology. This provides reliable
communication between two devices.
Infrared technology offers:
• Universal standard for connecting portable
computing devices
• Easy, effortless implementation
• Economical alternative to other connectivity
solutions
• Reliable, high speed connection
• Safe to use in any environment; can even be used
during air travel
• Eliminates the hassle of cables
• Allows PC’s and non-PC’s to communicate to
each other
• Enhances mobility by allowing users to easily
connect
1.1
Applications
The MCP2120 is a stand–alone IrDA Encoder/Decoder
product. Figure 1-1 shows a typical application block
diagram. Table 1-2 shows the pin definitions in the user
(normal) mode of operation.
TABLE 1-1:
MCP2120 FEATURES
OVERVIEW
FIGURE 1-1:
System Block Diagram
Features
MCP2120
Serial Communications:
UART, IR
Baud Rate Selection:
Hardware/Software
Low Power Mode:
Yes
Resets: (and Delays)
Wake-up (DRT)
Packages:
14-pin DIP
14-pin SOIC
Encode
Decode
TX
TXIR
RX
RXIR
EN
MCP2120
Micro–
TX
RX
Optical
TXD
RXD
Power
Down
Baud Rate
BAUD2
Generator
BAUD1
BAUD0
MODE
I/O
Controller
Logic
(S/W Mode)
Transceiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com